| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 12 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 12 Page - Linear Technology |
|
12 / 12 page ![]() LT3465/LT3465A 12 3465af Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 q FAX: (408) 434-0507 q www.linear.com © LINEAR TECHNOLOGY CORPORATION 2003 Li-Ion to Six White LEDs SW VOUT VIN LT3465/ LT3465A CTRL 3465A TA04a R1 10 Ω CIN 1 µF COUT 0.47 µF L1 47 µH/22µH 3V TO 5V FB GND CIN: TAIYO YUDEN JMK107BJ105 COUT: TAIYO YUDEN GMK212BJ474 L1: MURATA LQH32CN470 (LT3465) L1: MURATA LQH32CN220 (LT3465A) LT/TP 0504 1K • PRINTED IN USA RELATED PARTS PART NUMBER DESCRIPTION COMMENTS LT1618 Constant Current, Constant Voltage, 1.4MHz, High Efficiency Up to 16 White LEDs, VIN: 1.6V to 18V, VOUT(MAX): 34V, IQ: 1.8mA, Boost Regulator ISHDN: <1µA, 10-Lead MS LT1932 Constant Current, 1.2MHz, High Efficiency White LED Up to 8 White LEDs, VIN: 1V to 10V, VOUT(MAX): 34V, IQ: 1.2mA, Boost Regulator ISHDN: <1µA, ThinSOT LT1937 Constant Current, 1.2MHz, High Efficiency White LED Up to 4 White LEDs, VIN: 2.5V to 10V, VOUT(MAX): 34V, IQ: 1.9mA, Boost Regulator ISHDN: <1µA, ThinSOT, SC70 LTC ®3200-5 Low Noise, 2MHz, Regulated Charge Pump White LED Driver Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ: 8mA, ISHDN: <1µA, ThinSOT LTC3202 Low Noise, 1.5MHz, Regulated Charge Pump White LED Driver Up to 8 White LEDs, VIN: 2.7V to 4.5V, IQ: 5mA, ISHDN: <1µA, 10-Lead MS LTC3205 Multi-Display LED Controller 92% Efficiency, VIN: 2.8V to 4.5V, IQ: 4.2mA, ISD: <1µA, QFN, Drives Main, Sub, RGB LTC3405 300mA (IOUT), 1.5MHz Synchronous Step-Down 95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN): 0.8V, IQ: 20µA, ISHDN: <1µA, LTC3405A DC/DC Converter ThinSOT LTC3406 600mA (IOUT), 1.5MHz Synchronous Step-Down 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.6V, IQ: 20µA, LTC3406B DC/DC Converter ISHDN: <1µA, ThinSOT LTC3407 Dual 600mA (IOUT), 1.5MHz Synchronous Step-Down 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.6V, IQ: 40µA, DC/DC Converters ISHDN: <1µA, MS10E, DFN LTC3411 1.25A (IOUT), 4MHz Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60µA, ISHDN: <1µA, MS10, DFN LTC3412 2.5A (IOUT), 4MHz Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60µA, ISHDN: <1µA, TSSOP16E LTC3440/ 600mA/1.2A (IOUT), 2MHz/1MHz Synchronous Buck-Boost 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 2.5V, IQ: 25µA, LTC3441 DC/DC Converter ISHDN: <1µA, 10-Lead MS LT3466 Full Function White LED Step-Up Converter with Drives Up to 20 LEDs, Independent Step-Up Converters, Built-In Schottkys VIN: 2.7µV to 24V, DFN Package LED CURRENT (mA) 0 75 85 80 3465A TA04b 70 65 60 55 50 5 10 15 20 VIN = 3.6V 6 LEDs LT3465 LT3465A TYPICAL APPLICATIO |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |