| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 6 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 6 Page - Linear Technology |
|
6 / 12 page ![]() LT3465/LT3465A 6 3465af LED CURRENT (mA) 0 70 75 15 3465A F04b 65 60 510 20 55 50 80 VIN = 3.6V 4 LEDs MURATA LQH32CN220 MURATA LQH32CN100 MURATA LQH2MCN220 TOKO D312-220 TOKO D312-100 TAIYO YUDEN LB2012B220 APPLICATIO S I FOR ATIO reaches zero during the discharge phase. After the induc- tor current reaches zero, the SW pin exhibits ringing due to the LC tank circuit formed by the inductor in combina- tion with switch and diode capacitance. This ringing is not harmful; far less spectral energy is contained in the ringing than in the switch transitions. The ringing can be damped by application of a 300 Ω resistor across the inductor, although this will degrade efficiency. Because of the higher switching frequency, the LT3465A can drive a 3-LED string at 0.2mA LED current without pulse skipping. The photo in Figure 3b detials circuit operation driving three white LEDs at a 0.2mA load. Peak inductor current is less than 30mA. Inductor Selection A 22 µH inductor is recommended for most LT3465 appli- cations. Although small size and high efficiency are major concerns, the inductor should have low core losses at 1.2MHz and low DCR (copper wire resistance). Some inductors in this category with small size are listed in Table 1. The efficiency comparison of different inductors is shown in Figure 4a. A 22 µH or 10µH inductor is recommended for most LT3465A applications. The induc- tor should have low core losses at 2.4MHz and low DCR. The efficiency comparison of different inductors is shown in figure 4b. Table 1. Recommended Inductors PART CURRENT RATING NUMBER DCR ( Ω) (mA) MANUFACTURER LQH32CN220 0.71 250 Murata LQH2MCN220 2.4 185 814-237-1431 www.murata.com ELJPC220KF 4.0 160 Panasonic 714-373-7334 www.panasonic.com CDRH3D16-220 0.53 350 Sumida 847-956-0666 www.sumida.com LB2012B220M 1.7 75 Taiyo Yuden 408-573-4150 www.t-yuden.com LEM2520-220 5.5 125 Taiyo Yuden 408-573-4150 www.t-yuden.com Capacitor Selection The small size of ceramic capacitors makes them ideal for LT3465 and LT3465A applications. X5R and X7R types are recommended because they retain their capacitance over wider voltage and temperature ranges than other types such as Y5V or Z5U. A 1 µF input capacitor and a 0.22µF output capacitor are sufficient for most LT3465 and LT3465A applications. Table 2. Recommended Ceramic Capacitor Manufacturers MANUFACTURER PHONE URL Taiyo Yuden 408-573-4150 www.t-yuden.com Murata 814-237-1431 www.murata.com Kemet 408-986-0424 www.kemet.com LED CURRENT (mA) 0 70 75 85 15 3465A F04b 65 60 510 20 55 50 80 MURATA LQH32CN220 TAIYO YUDEN LB2012B220M TAIYO YUDEN CB2012B220 VIN = 3.6V 4 LEDs Figure 4a. Efficiency Comparison of Different Inductors (LT3465) Figure 4b. Efficiency Comparison of Different Inductors (LT3465A) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |