| Electronic Components Datasheet Search |
|
P3702I Marking, TLC3702IPWRG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
TLC3702IPWRG4 Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 39 page ![]() TLC3702 DUAL MICROPOWER LinCMOS ™ VOLTAGE COMPARATORS SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D 725 mW 5.8 mW/°C 464 mW 377 mW 145 mW FK 1375 mW 11.0 mW/°C 880 mW 715 mW 275 mW JG 1050 mW 8.4 mW/°C 672 mW 546 mW 210 mW P 1000 mW 8.0 mW/°C 640 mW 520 mW N/A recommended operating conditions TLC3702C UNIT MIN NOM MAX UNIT Supply voltage, VDD 3 5 16 V Common-mode input voltage, VIC − 0.2 VDD − 1.5 V High-level output current, IOH −20 mA Low-level output current, IOL 20 mA Operating free-air temperature, TA 0 70 °C electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† T TLC3702C UNIT PARAMETER TEST CONDITIONS† TA MIN TYP MAX UNIT V Input offset voltage VDD = 5 V to 10 V, V V min 25°C 1.2 5 mV VIO Input offset voltage VIC = VICRmin, See Note 3 0°C to 70°C 6.5 mV I Input offset current V 25 V 25°C 1 pA IIO Input offset current VIC = 2.5 V 70°C 0.3 nA I Input bias current V 25 V 25°C 5 pA IIB Input bias current VIC = 2.5 V 70°C 0.6 nA V Common mode input voltage range 25°C 0 to VDD − 1 V VICR Common-mode input voltage range 0°C to 70°C 0 to VDD − 1.5 V 25°C 84 CMRR Common-mode rejection ratio VIC = VICRmin 70°C 84 dB CMRR Common mode rejection ratio VIC VICRmin 0°C 84 dB 25°C 85 kSVR Supply-voltage rejection ratio VDD = 5 V to 10 V 70°C 85 dB kSVR Supply voltage rejection ratio VDD 5 V to 10 V 0°C 85 dB V High level output voltage VID = 1 V, 25°C 4.5 4.7 V VOH High-level output voltage VID = 1 V, IOH = −4 mA 70°C 4.3 V V Low level output voltage VID = −1 V, 25°C 210 300 mV VOL Low-level output voltage VID = 1 V, IOH = 4 mA 70°C 375 mV I Supply current (both comparators) Outputs low No load 25°C 18 40 μA IDD Supply current (both comparators) Outputs low, No load 0°C to 70°C 50 μA † All characteristics are measured with zero common-mode voltage unless otherwise noted. NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |