| Electronic Components Datasheet Search |
|
P3702I Marking, TLC3702IPWRG4 Datasheet(PDF) 17 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
TLC3702IPWRG4 Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 39 page ![]() TLC3702 DUAL MICROPOWER LinCMOS ™ VOLTAGE COMPARATORS SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 22 AVERAGE SUPPLY CURRENT (PER COMPARATOR) vs FREQUENCY 10000 1000 100 10 0.01 0.1 1 10 100 f − Frequency − kHz VDD = 16 V 5 V 4 V 10 V 3 V TA = 25°C CL = 50 pF Figure 23 SUPPLY CURRENT vs SUPPLY VOLTAGE VDD − Supply Voltage − V 40 35 30 25 20 15 10 5 0 01 23 4 5 6 7 8 Outputs Low No Loads TA = − 25°C TA = − 125°C TA = − 40°C TA = − 55°C TA = 85°C SUPPLY CURRENT vs FREE-AIR TEMPERATURE 30 25 20 15 10 5 0 −75 −50 −25 0 25 50 75 100 125 TA − Free-Air Temperature − °C Outputs High Outputs Low VDD = 5 V No Load Figure 24 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |