| Electronic Components Datasheet Search |
|
P3702I Marking, TLC3702IPWRG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
TLC3702IPWRG4 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 39 page ![]() TLC3702 DUAL MICROPOWER LinCMOS ™ VOLTAGE COMPARATORS SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 AVAILABLE OPTIONS V max PACKAGES TA VIOmax at 25°C SMALL OUTLINE (D) CERAMIC (FK) CERAMIC DIP (JG) PLASTIC DIP (P) 0°C to 70°C 5 mV TLC3702CD — — TLC3702CP −40°C to 85°C 5 mV TLC3702ID — — TLC3702IP −55°C to 125°C 5 mV TLC3702MD TLC3702MFK TLC3702MJG — The D package is available taped and reeled. Add R suffix to the device type (e.g., TLC3702CDR). functional block diagram (each comparator) VDD GND OUT Differential Input Circuits IN+ IN− absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VDD (see Note 1) −0.3 V to 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI −0.3 V to VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO − 0.3 V to VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II ±5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO (each output) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total supply current into VDD 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current out of GND 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: TLC3702C 0°C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TLC3702I −40°C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TLC3702M −55°C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65°C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case temperature for 60 seconds: FK package 260°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P package 260°C . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG package 300°C . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to network ground. 2. Differential voltages are at IN+ with respect to IN −. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |