| Electronic Components Datasheet Search |
|
P3702I Marking, TLC3702IPWRG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
TLC3702IPWRG4 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 39 page ![]() TLC3702 DUAL MICROPOWER LinCMOS ™ VOLTAGE COMPARATORS SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics, VDD = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TLC3702C, TLC3702I TLC3702M UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Overdrive = 2 mV 4.5 f 10 kH Overdrive = 5 mV 2.7 tPLH Propagation delay time, low-to-high-level output† f = 10 kHz, CL = 50 pF Overdrive = 10 mV 1.9 μs tPLH Propagation delay time, low to high level output CL = 50 pF Overdrive = 20 mV 1.4 μs Overdrive = 40 mV 1.1 VI = 1.4 V step at IN+ 1.1 Overdrive = 2 mV 4 f 10 kH Overdrive = 5 mV 2.3 tPHL Propagation delay time, high-to-low-level output† f = 10 kHz, CL = 50 pF Overdrive = 10 mV 1.5 μs tPHL Propagation delay time, high to low level output CL = 50 pF Overdrive = 20 mV 0.95 μs Overdrive = 40 mV 0.65 VI = 1.4 V step at IN+ 0.15 tf Fall time f = 10 kHz, CL = 50 pF Overdrive = 50 mV 50 ns tr Rise time f = 10 kHz, CL = 50 pF Overdrive = 50 mV 125 ns † Simultaneous switching of inputs causes degradation in output response. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |