| Electronic Components Datasheet Search |
|
P3702I Marking, TLC3702IPWRG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
TLC3702IPWRG4 Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 39 page ![]() TLC3702 DUAL MICROPOWER LinCMOS ™ VOLTAGE COMPARATORS SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions TLC3702M UNIT MIN NOM MAX UNIT Supply voltage, VDD 4 5 16 V Common-mode input voltage, VIC 0 VDD − 1.5 V High-level output current, IOH − 20 mA Low-level output current, IOL 20 mA Operating free-air temperature, TA − 55 125 °C electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† T TLC3702M UNIT PARAMETER TEST CONDITIONS† TA MIN TYP MAX UNIT V Input offset voltage VDD = 5 V to 10 V, 25°C 1.2 5 mV VIO Input offset voltage VDD = 5 V to 10 V, VIC = VICRmin, See Note 3 −55°C to 125°C 10 mV I Input offset current V 25 V 25°C 1 pA IIO Input offset current VIC = 2.5 V 125°C 15 nA I Input bias current V 25 V 25°C 5 pA IIB Input bias current VIC = 2.5 V 125°C 30 nA V Common mode input voltage range 25°C 0 to VDD − 1 V VICR Common-mode input voltage range −55°C to 125°C 0 to VDD − 1.5 V 25°C 84 CMRR Common-mode rejection ratio VIC = VICRmin 125°C 83 dB CMRR Common mode rejection ratio VIC VICRmin −55°C 82 dB 25°C 85 kSVR Supply-voltage rejection ratio VDD = 5 V to 10 V 125°C 85 dB kSVR Supply voltage rejection ratio VDD 5 V to 10 V − 55°C 82 dB V High level output voltage V 1 V I 4 mA 25°C 4.5 4.7 V VOH High-level output voltage VID = 1 V, IOH = −4 mA 125°C 4.2 V V Low level output voltage V 1 V I 4 mA 25°C 210 300 mV VOL Low-level output voltage VID = −1 V, IOH = −4 mA 125°C 500 mV I Supply current (both comparators) Outputs low No load 25°C 18 40 μA IDD Supply current (both comparators) Outputs low, No load −55°C to 125°C 90 μA † All characteristics are measured with zero common-mode voltage unless otherwise noted. NOTE 3. The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |