| Electronic Components Datasheet Search |
|
W1A Marking, DIO60010ASH3 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD |
|
||||||||||||||||||||||||||||||
DIO60010ASH3 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD |
|
1 / 21 page ![]() DIO60010/A Version 1.4, Oct 2025 www.dioo.com © 2025 Dioo Microcircuits Co., Ltd. Jiangsu I 5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter Features Low RDS(ON) for internal switches (top / bottom) 260 mΩ / 180 mΩ, 1.0 A 2.5 V ~ 5.5 V input voltage range 25 μA typical quiescent current High switching frequency 1.65 MHz minimizes the external components Operation mode: DIO60010: Auto mode DIO60010A: Forced PWM operation 100% dropout operation Output discharge function Power-good output Fixed frequency COT architecture achieve ultra fast transient response Internal soft start limits the inrush current Operating temperature range: -40°C to 85°C Applications Portable navigation devices Set top boxes USB dongle Media players Smart phones Package Information Description The DIO60010/A is a high-efficiency synchronous step-down DC-DC regulator. The DIO60010/A can achieve up to 1 A continuous output current from a 2.5 V to 5.5 V input voltage with excellent load and line regulation. The output voltage can be regulated to as low as 0.6 V. Constant-on-time(COT) control provides a fast transient response and eases loop stabilization. The DIO60010 includes an automatically entered power save mode to maintain high efficiency down to very light loads for extending the system battery run-time. The DIO60010A runs in Forced PWM maintaining a continuous conduction mode to ensure the least ripple in the output voltage and a quasi-fixed switching frequency. The device features a Power-good signal. The DIO60010/A is ideal for a wide range of applications, including portable navigation devices, set top boxes and media players. Simplified Schematic Part Number Package Body Size DIO60010/A SOT563 1.6 mm × 1.2 mm SOT23-5 1.6 mm × 2.9 mm SOT23-6 1.6 mm × 2.9 mm DIO60010 DFN-6 2.0 mm × 2.0 mm |
Similar Description - DIO60010ASH3 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |