| Electronic Components Datasheet Search |
|
W1A Marking, DIO60010ASH3 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD |
|
||||||||||||||||||||||||||||||
DIO60010ASH3 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD |
|
6 / 21 page ![]() DIO60010/A Version 1.4, Oct 2025 www.dioo.com © 2025 Dioo Microcircuits Co., Ltd. Jiangsu 2 2. Absolute Maximum Ratings Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to damage the device permanently. Do not design to the maximum limits because long-time exposure to them might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range unless otherwise specified. Symbol Parameter Rating Unit VIN Input voltage ( V+ ~ V-) -0.3 ~ 6.0 V Enable / FB voltage -0.3 to VIN + 0.2 V TSTG Storage temperature range -65 ~ 150 °C TJ Maximum junction temperature 150 °C Dynamic SW voltage in 10 ns duration VIN + 3 to GND - 4 V 3. Recommended Operating Conditions Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. The ratings are obtained over an operating free-air temperature range unless otherwise specified. Symbol Parameter Rating Unit VIN Input voltage ( V+ ~ V-) 2.5 ~ 5.5 V TJ Junction temperature range -40 ~ 125 °C TA Ambient temperature range -40 ~ 85 °C 4. ESD Ratings When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses sufficient energy, damage might occur to the device due to localized overheating. Model Condition Value Unit HBM ESDA/JEDEC:JS-001 ±3000 V CDM ESDA/JEDEC:JS-002 ±2000 V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |