| Electronic Components Datasheet Search |
|
W1A Marking, DIO60010ASH3 Datasheet(PDF) 16 Page - DIOO MICROCIRCUITS CO., LTD |
|
||||||||||||||||||||||||||||||
DIO60010ASH3 Datasheet(HTML) 16 Page - DIOO MICROCIRCUITS CO., LTD |
|
16 / 21 page ![]() DIO60010/A Version 1.4, Oct 2025 www.dioo.com © 2025 Dioo Microcircuits Co., Ltd. Jiangsu 12 10.Layout Design The layout design of the DIO60010/A regulator is relatively simple. For the best efficiency and minimum noise problems, place four components close to the IC: CIN, L, R1, and R2. (1) Maximize the PCB copper area connected to the GND pin to achieve the best thermal and noise performance. If the board space allows, a ground plane is highly desirable. (2) Place CIN close to pins IN and GND. Minimize the loop area formed by CIN and GND. (3) Minimize the PCB copper area associated with SW pin to avoid the potential noise problem. (4) Avoid placing the components R1 and R2 and the trace connected to the FB pin adjacent to the SW net on the PCB layout to prevent the noise problem. (5) If the system chip interfaced with the EN pin has a high impedance state at shutdown mode and the IN pin is connected directly to a power source such as a Li-Ion battery, it is desirable to add a pull-down 1 MΩ resistor between the EN and GND pins to prevent the noise from falsely turning on the regulator at shutdown mode. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |