| Electronic Components Datasheet Search |
|
W1A Marking, DIO60010ASH3 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD |
|
||||||||||||||||||||||||||||||
DIO60010ASH3 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD |
|
12 / 21 page ![]() DIO60010/A Version 1.4, Oct 2025 www.dioo.com © 2025 Dioo Microcircuits Co., Ltd. Jiangsu 8 9. Application Information Important notice: Validation and testing are the most reliable ways to confirm system functionality. The application information is not part of the specification and is for reference purposes only. Figure 16. Typical application For this design example, use the parameters listed in Table 1 as the input parameters. Table 1. Typical application R1 R2 C1 VOUT 5 kΩ 10 kΩ 33 pF 0.9 V 6.6 kΩ 10 kΩ 33 pF 1.0 V 8.3 kΩ 10 kΩ 33 pF 1.1 V 10 kΩ 10 kΩ 33 pF 1.2 V 20 kΩ 10 kΩ 33 pF 1.8 V 31.6 kΩ 10 kΩ 33 pF 2.5 V 45 kΩ 10 kΩ 33 pF 3.3 V The DIO60010/A is available in two versions, forced pulse width modulation (FPWM) and Auto Mode.The DIO60010/A is a synchronous buck regulator IC that integrates the adaptive constant-on-time (COT) control, and top and bottom switches on the same die to minimize the switching transition loss and conduction loss. With ultra-low RDS(ON) power switches and proprietary COT control, this regulator IC can achieve the highest efficiency and the highest switch frequency simultaneously to minimize the external inductor and capacitor size, thus achieving the minimum solution footprint. Under PWM mode, the converter operates with a typical 1.65 MHz switching frequency to minimize the size of the inductor and capacitor. As the load current decreases, the converter enters PSM (Power Save Mode), reducing the switching frequency to keep high efficiency over the entire load current range. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |