| Electronic Components Datasheet Search |
|
W1A Marking, DIO60010ASH3 Datasheet(PDF) 15 Page - DIOO MICROCIRCUITS CO., LTD |
|
||||||||||||||||||||||||||||||
DIO60010ASH3 Datasheet(HTML) 15 Page - DIOO MICROCIRCUITS CO., LTD |
|
15 / 21 page ![]() DIO60010/A Version 1.4, Oct 2025 www.dioo.com © 2025 Dioo Microcircuits Co., Ltd. Jiangsu 11 (2) The saturation current rating of the inductor must be greater than the peak inductor current under full load conditions. L × f × 2 V V 1 × V I > I SW MAX IN OUT OUT + MAX OUT MIN SAT ) / ( , , , - (3) (3) The DC resistance (DCR) of the inductor and the core loss at the switching frequency must be low enough to achieve the desired efficiency requirement. Choose an inductor with a DCR lower than 50 mΩ to achieve a good overall efficiency. 9.10. Load transient considerations The DIO60010/A regulator IC integrates the compensation components to achieve good stability and fast transient responses. Recommend using a 33 pF ceramic capacitor in parallel with R1 may further speed up the load transient responses and is thus recommended for applications with large load transient step requirements. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |