Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH2SP30 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VNH2SP30
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNH2SP30 Datasheet HTML 2Page - STMicroelectronics VNH2SP30 Datasheet HTML 3Page - STMicroelectronics VNH2SP30 Datasheet HTML 4Page - STMicroelectronics VNH2SP30 Datasheet HTML 5Page - STMicroelectronics VNH2SP30 Datasheet HTML 6Page - STMicroelectronics VNH2SP30 Datasheet HTML 7Page - STMicroelectronics VNH2SP30 Datasheet HTML 8Page - STMicroelectronics VNH2SP30 Datasheet HTML 9Page - STMicroelectronics VNH2SP30 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
VNH2SP30-E
6/26
ELECTRICAL CHARACTERISTICS (continued)
Table 10. PWM
Table 11. Switching (VCC=13V, RLOAD=0.87)
Table 12. Protection And Diagnostic
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vpwl
PWM Low Level Voltage
1.25
V
Ipwl
PWM Pin Current
Vpw=1.25V
1
µA
Vpwh
PWM High Level Voltage
3.25
V
Ipwh
PWM Pin Current
Vpw=3.25V
10
µA
Vpwhhyst
PWM Hysteresis Voltage
0.5
V
Vpwcl
PWM Clamp Voltage
Ipw = 1 mA
Ipw = -1 mA
VCC+0.3
-6.0
VCC+0.7
-4.5
VCC+1.0
-3.0
V
V
CINPWM
PWM Pin Input
Capacitance
VIN =2.5V
25
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
f
PWM Frequency
0
20
kHz
td(on)
Turn-on Delay Time
Input rise time < 1
µs (see fig. 8)
250
µs
td(off)
Turn-off Delay Time
Input rise time < 1
µs (see fig. 8)
250
µs
tr
Rise Time
(see fig. 7)
1
1.6
µs
tf
Fall Time
(see fig. 7)
1.2
2.4
µs
tDEL
Delay Time During Change of
Operating Mode
(see fig. 6)
300
600
1800
µs
trr
High Side Free Wheeling
Diode Reverse Recovery Time
(see fig. 9)
110
ns
toff(min)
PWM Minimum off time
9V
<VCC<16V;
-40°C<Tj<150°C;
IOUT=15A
6
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VUSD
Undervoltage Shut-down
Undervoltage Reset
4.7
5.5
V
V
VOV
Overvoltage Shut-down
16
19
22
V
ILIM
High-Side Current Limitation
30
50
70
A
VCLP
Total Clamp Voltage
(VCC to GND)
IOUT=15A
43
48
54
V
TTSD
Thermal Shut-down
Temperature
VIN = 3.25 V
150
175
200
°C
TTR
Thermal Reset Temperature
135
°C
THYST
Thermal Hysteresis
7
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com