Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH2SP30 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNH2SP30
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNH2SP30 Datasheet HTML 3Page - STMicroelectronics VNH2SP30 Datasheet HTML 4Page - STMicroelectronics VNH2SP30 Datasheet HTML 5Page - STMicroelectronics VNH2SP30 Datasheet HTML 6Page - STMicroelectronics VNH2SP30 Datasheet HTML 7Page - STMicroelectronics VNH2SP30 Datasheet HTML 8Page - STMicroelectronics VNH2SP30 Datasheet HTML 9Page - STMicroelectronics VNH2SP30 Datasheet HTML 10Page - STMicroelectronics VNH2SP30 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
VNH2SP30-E
ELECTRICAL CHARACTERISTICS (continued)
Table 13. Current Sense (9V<VCC<16V)
Note:(*) Analog sense current drift is deviation of factor K for a given device over (-40°C to 150°C and 9V<VCC<16V) with respect to it’s
value measured at Tj=25°C, VCC=13V.
WAVEFORMS AND TRUTH TABLE
Table 14. Truth Table In Normal Operating Conditions
In normal operating conditions the DIAGX/ENX pin is
considered as an input pin by the device. This pin must be
externally pulled high.
PWM pin usage: in all cases, a “0” on the PWM pin will
turn-off both LSA and LSB switches. When PWM rises
back to “1”, LSA or LSB turn on again depending on the
input pin state.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT=30A; RSENSE=1.5kΩ
Tj= - 40 to 150°C
9665
11370
13075
K2
IOUT/ISENSE
IOUT=8A; RSENSE=1.5kΩ
Tj= - 40 to 150°C
9096
11370
13644
dK1 / K1 (*) Analog sense current drift
IOUT=30A; RSENSE=1.5kΩ
Tj= - 40 to 150°C
-8
+8
%
dK2 / K2 (*) Analog sense current drift
IOUT >8A; RSENSE=1.5kΩ
Tj= - 40 to 150°C
-10
+10
%
ISENSEO
Analog Sense Leakage
Current
IOUT=0A; VSENSE=0V;
Tj= - 40 to 150°C
065
µA
INA
INB
DIAGA/ENA
DIAGB/ENB
OUTA
OUTB
CS
Operating mode
1
1
1
1
H
H
High Imp.
Brake to VCC
10
1
1
H
L
ISENSE=IOUT/K
Clockwise (CW)
01
1
1
L
H
ISENSE=IOUT/K
Counterclockwise
(CCW)
0
0
1
1
L
L
High Imp.
Brake to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com