Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH2SP30 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VNH2SP30
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VNH2SP30 Datasheet HTML 13Page - STMicroelectronics VNH2SP30 Datasheet HTML 14Page - STMicroelectronics VNH2SP30 Datasheet HTML 15Page - STMicroelectronics VNH2SP30 Datasheet HTML 16Page - STMicroelectronics VNH2SP30 Datasheet HTML 17Page - STMicroelectronics VNH2SP30 Datasheet HTML 18Page - STMicroelectronics VNH2SP30 Datasheet HTML 19Page - STMicroelectronics VNH2SP30 Datasheet HTML 20Page - STMicroelectronics VNH2SP30 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
VNH2SP30-E
Figure 26. PWM High Level Voltage
Figure 27. PWM High Level Current
Figure 28. Undervoltage Shutdown
Figure 29. PWM Low Level Voltage
Figure 30. Overvoltage Shutdown
Figure 31. Current Limitation
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vpwh (V)
Vcc=9V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
8
Ipwh (µA)
Vcc=9V
Vpw=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
8
Vusd(V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Vpwl (V)
Vcc=9V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
10
12.5
15
17.5
20
22.5
25
27.5
30
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
30
35
40
45
50
55
60
65
70
75
80
Ilim (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com