Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH2SP30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNH2SP30
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30 Datasheet(HTML) 3 Page - STMicroelectronics

  VNH2SP30 Datasheet HTML 1Page - STMicroelectronics VNH2SP30 Datasheet HTML 2Page - STMicroelectronics VNH2SP30 Datasheet HTML 3Page - STMicroelectronics VNH2SP30 Datasheet HTML 4Page - STMicroelectronics VNH2SP30 Datasheet HTML 5Page - STMicroelectronics VNH2SP30 Datasheet HTML 6Page - STMicroelectronics VNH2SP30 Datasheet HTML 7Page - STMicroelectronics VNH2SP30 Datasheet HTML 8Page - STMicroelectronics VNH2SP30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
VNH2SP30-E
Table 3. Pin Definitions And Functions
Note: (*) GNDA and GNDB must be externally connected together
Table 4. Pin Functions Description
Pin No
Symbol
Function
1, 25, 30
OUTA, Heat
Slug2
Source of High-Side Switch A / Drain of Low-Side Switch A
2,4,7,12,14,17, 22, 24,29
NC
Not connected
3, 13, 23
VCC, Heat
Slug1
Drain of High-Side Switches and Power Supply Voltage
6ENA/DIAGA
Status of High-Side and Low-Side Switches A; Open Drain Output
5INA
Clockwise Input
8
PWM
PWM Input
9
CS
Output of Current sense
11
INB
Counter Clockwise Input
10
ENB/DIAGB
Status of High-Side and Low-Side Switches B; Open Drain Output
15, 16, 21
OUTB, Heat
Slug3
Source of High-Side Switch B / Drain of Low-Side Switch B
26, 27, 28
GNDA
Source of Low-Side Switch A (*)
18, 19, 20
GNDB
Source of Low-Side Switch B (*)
Name
Description
VCC
Battery connection.
GNDA
GNDB
Power grounds, must always be externally connected together.
OUTA
OUTB
Power connections to the motor.
INA
INB
Voltage controlled input pins with hysteresis, CMOS compatible. These two pins control the state of
the bridge in normal operation according to the truth table (brake to VCC, Brake to GND, clockwise and
counterclockwise).
PWM
Voltage controlled input pin with hysteresis, CMOS compatible.Gates of Low-Side FETS get
modulated by the PWM signal during their ON phase allowing speed control of the motor
ENA/DIAGA
ENB/DIAGB
Open drain bidirectional logic pins.These pins must be connected to an external pull up resistor. When
externally pulled low, they disable half-bridge A or B. In case of fault detection (thermal shutdown of
a High-Side FET or excessive ON state voltage drop across a Low-Side FET), these pins are pulled
low by the device (see truth table in fault condition).
CS
Analog current sense output. This output sources a current proportional to the motor current. The
information can be read back as an analog voltage across an external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com