Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH2SP30 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VNH2SP30
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VNH2SP30 Datasheet HTML 15Page - STMicroelectronics VNH2SP30 Datasheet HTML 16Page - STMicroelectronics VNH2SP30 Datasheet HTML 17Page - STMicroelectronics VNH2SP30 Datasheet HTML 18Page - STMicroelectronics VNH2SP30 Datasheet HTML 19Page - STMicroelectronics VNH2SP30 Datasheet HTML 20Page - STMicroelectronics VNH2SP30 Datasheet HTML 21Page - STMicroelectronics VNH2SP30 Datasheet HTML 22Page - STMicroelectronics VNH2SP30 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
VNH2SP30-E
MultiPowerSO-30™ Thermal Data
Figure 38. MultiPowerSO-30™ PC Board
Figure 39. Chipset Configuration
Figure 40. Auto and mutual Rthj-amb Vs PCB copper area in open box free air condition (according
to page 20 definitions)
Layout condition of Rth and Zth measurements (PCB FR4 area= 58mm x 58mm, PCB thickness=2mm,
Cu thickness=35
µm, Copper areas: from minimum pad lay-out to 16cm2).
HIGH SIDE
CHIP
HSAB
LOW SIDE
CHIP A
LOW SIDE
CHIP B
LSA
LSB
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
cm2 of Cu Are a (re fer to PCB layout)
RthHS
RthLS
RthHSLS
RthLSLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com