Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W134SHT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W134SHT
Description  Direct Rambus Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W134SHT Datasheet(HTML) 4 Page - Cypress Semiconductor

  W134SHT Datasheet HTML 1Page - Cypress Semiconductor W134SHT Datasheet HTML 2Page - Cypress Semiconductor W134SHT Datasheet HTML 3Page - Cypress Semiconductor W134SHT Datasheet HTML 4Page - Cypress Semiconductor W134SHT Datasheet HTML 5Page - Cypress Semiconductor W134SHT Datasheet HTML 6Page - Cypress Semiconductor W134SHT Datasheet HTML 7Page - Cypress Semiconductor W134SHT Datasheet HTML 8Page - Cypress Semiconductor W134SHT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
W134M/W134S
Document #: 38-07426 Rev. *B
Page 4 of 12
Figure 3 shows more details of the DDLL system architecture,
including the DRCG output enable and bypass modes.
Phase Detector Signals
The DRCG Phase Detector receives two inputs from the core
logic, PclkM (Pclk/M) and SynclkN (Synclk/N). The M and N
dividers in the core logic are chosen so that the frequencies of
PclkM and SynclkN are identical. The Phase Detector detects
the phase difference between the two input clocks, and drives
the DRCG Phase Aligner to null the input phase error through
the distributed loop. When the loop is locked, the input phase
error between PclkM and SynclkN is within the specification
tERR,PD given in the Device Characteristics table after the lock
time given in the State Transition Section.
The Phase Detector aligns the rising edge of PclkM to the
rising edge of SynclkN. The duty cycle of the phase detector
input clocks will be within the specification DCIN,PD given in the
Operating Conditions table. Because the duty cycles of the two
phase detector input clocks will not necessarily be identical,
the falling edges of PclkM and SynclkN may not be aligned
when the rising edges are aligned.
The voltage levels of the PclkM and SynclkN signals are deter-
mined by the controller. The pin VDDIPD is used as the voltage
reference for the phase detector inputs and should be
connected to the output voltage supply of the controller. In
some applications, the DRCG PLL output clock will be used
directly, by bypassing the Phase Aligner. If PclkM and SynclkN
are not used, those inputs must be grounded.
Selection Logic
Table 2 shows the logic for selecting the PLL prescaler and
feedback dividers to determine the multiply ratio for the PLL
from the input Refclk. Divider A sets the feedback and divider
B sets the prescaler, so the PLL output clock frequency is set
by: PLLclk = Refclk*A/B.
Table 3 shows the logic for enabling the clock outputs, using
the StopB input signal. When StopB is HIGH, the DRCG is in
its normal mode, and Clk and ClkB are complementary outputs
following the Phase Aligner output (PAclk). When StopB is
LOW, the DRCG is in the Clk Stop mode, the output clock
drivers are disabled (set to Hi-Z), and the Clk and ClkB settle
to the DC voltage VX,STOP as given in the Device Character-
istics table. The level of VX,STOP is set by an external resistor
network.
Table 4 shows the logic for selecting the Bypass and Test
modes. The select bits, S0 and S1, control the selection of
these modes. The Bypass mode brings out the full-speed PLL
output clock, bypassing the Phase Aligner. The Test mode
brings the Refclk input all the way to the output, bypassing
both the PLL and the Phase Aligner. In the Output Test mode
(OE), both the Clk and ClkB outputs are put into a
high-impedance state (Hi-Z). This can be used for component
testing and for board-level testing.
W134M/W134S
Refclk
W133
PLL
Phase
Align
D
4
DLL
RAC
RMC
M
N
Gear
Ratio
Logic
Pclk
Busclk
Synclk
S0/S1 StopB
W158
W159
W161
W167
Figure 3. DDLL Including Details of DRCG
CY2210
Table 2. PLL Divider Selection
Mult0
Mult1
W134M
W134S
AB
AB
0
0
92
41
0
1
61
61
1
1
81
81
10
16
3
16
3
Table 3. Clock Stop Mode Selection
Mode
StopB
Clk
ClkB
Normal
1
PAclk
PAclkB
Clk Stop
0
VX,STOP
VX,STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com