Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W134SHT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W134SHT
Description  Direct Rambus Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W134SHT Datasheet(HTML) 2 Page - Cypress Semiconductor

  W134SHT Datasheet HTML 1Page - Cypress Semiconductor W134SHT Datasheet HTML 2Page - Cypress Semiconductor W134SHT Datasheet HTML 3Page - Cypress Semiconductor W134SHT Datasheet HTML 4Page - Cypress Semiconductor W134SHT Datasheet HTML 5Page - Cypress Semiconductor W134SHT Datasheet HTML 6Page - Cypress Semiconductor W134SHT Datasheet HTML 7Page - Cypress Semiconductor W134SHT Datasheet HTML 8Page - Cypress Semiconductor W134SHT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
W134M/W134S
Document #: 38-07426 Rev. *B
Page 2 of 12
Pin Definitions
Pin Name
No.
Type
Description
REFCLK
2
I
Reference Clock Input. Reference clock input, normally supplied by a system frequency
synthesizer (Cypress W133).
PCLKM
6
I
Phase Detector Input. The phase difference between this signal and SYNCLKN is used
to synchronize the Rambus Channel Clock with the system clock. Both PCLKM and
SYNCLKN are provided by the Gear Ratio Logic in the memory controller. If Gear Ratio
Logic is not used, this pin would be connected to Ground.
SYNCLKN
7
I
Phase Detector Input. The phase difference between this signal and PCLKM is used to
synchronize the Rambus Channel Clock with the system clock. Both PCLKM and
SYNCLKN are provided by the Gear Ratio Logic in the memory controller. If Gear Ratio
Logic is not used, this pin would be connected to Ground.
STOPB
11
I
Clock Output Enable. When this input is driven to active LOW, it disables the differential
Rambus Channel clocks.
PWRDNB
12
I
Active LOW Power-down. When this input is driven to active LOW, it disables the differ-
ential Rambus Channel clocks and places the W134M/W134S in power-down mode.
MULT 0:1
15, 14
I
PLL Multiplier Select. These inputs select the PLL prescaler and feedback dividers to
determine the multiply ratio for the PLL for the input REFCLK.
CLK, CLKB
20, 18
O
Complementary Output Clock. Differential Rambus Channel clock outputs.
S0, S1
24, 23
I
Mode Control Input. These inputs control the operating mode of the W134M/W134S.
NC
19
–
No Connect
VDDIR
1
RefV Reference for REFCLK. Voltage reference for input reference clock.
VDDIPD
10
RefV Reference for Phase Detector. Voltage reference for phase detector inputs and StopB.
VDD
3, 9, 16, 22
P
Power Connection. Power supply for core logic and output buffers. Connected to 3.3V
supply.
GND
4, 5, 8, 13, 17,
21
G
Ground Connection. Connect all ground pins to the common system ground plane.
MULT1
0
1
1
0
MULT0
0
0
1
1
W134M
PLL/REFCLK
4.5
6
8
5.333
W134S
PLL/REFCLK
4
6
8
5.333
S1
0
1
0
1
S0
0
0
1
1
MODE
Normal
Output Enable Test
Bypass
Test
W134M/W134S
Refclk
W133
PLL
Phase
Align
D
4
DLL
RAC
RMC
M
N
Gear
Ratio
Logic
Pclk
Busclk
Synclk
W158
W159
W161
W167
Figure 1. DDLL System Architecture
CY2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com