Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W134SHT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # W134SHT
Description  Direct Rambus Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W134SHT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button W134SHT Datasheet HTML 2Page - Cypress Semiconductor W134SHT Datasheet HTML 3Page - Cypress Semiconductor W134SHT Datasheet HTML 4Page - Cypress Semiconductor W134SHT Datasheet HTML 5Page - Cypress Semiconductor W134SHT Datasheet HTML 6Page - Cypress Semiconductor W134SHT Datasheet HTML 7Page - Cypress Semiconductor W134SHT Datasheet HTML 8Page - Cypress Semiconductor W134SHT Datasheet HTML 9Page - Cypress Semiconductor W134SHT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
W134M/W134S
Document #: 38-07426 Rev. *B
Page 6 of 12
Timing Diagrams
Table 8. State Transition Latency Specifications
Transition
From
To
Transition Latency
Description
Parameter
Max.
A
Power-down
Normal
tPOWERUP
3 ms
Time from PwrDnB to Clk/ClkB output settled
(excluding tDISTLOCK).
C
Power-down
Clk Stop
tPOWERUP
3 ms
Time from PwrDnB until the internal PLL and clock has
turned ON and settled.
K
Power-down
Test
tPOWERUP
3 ms
Time from PwrDnB to Clk/ClkB output settled
(excluding tDISTLOCK).
GVDD ON
Normal
tPOWERUP
3 ms
Time from VDD is applied and settled until Clk/ClkB
output settled (excluding tDISTLOCK).
HVDD ON
Clk Stop
tPOWERUP
3 ms
Time from VDD is applied and settled until internal PLL
and clock has turned ON and settled.
MVDD ON
Test
tPOWERUP
3 ms
Time from VDD is applied and settled until internal PLL
and clock has turned ON and settled.
J
Normal
Normal
tMULT
1 ms
Time from when Mult0 or Mult1 changed until Clk/ClkB
output resettled (excluding tDISTLOCK).
tPOWERUP
tPOWERDN
tSTOP
tON
tCLKON
tCLKOFF
tCLKSETL
PwrDnB
Clk/ClkB
Power-down Exit and Entry
Output Enable Control
StopB
Clk/ClkB
Output clock
not specified
glitches may
Clock enabled
and glitch-free
Clock output settled within
50 ps of the phase before
disabled
occur
Figure 5. State Transition Timing Diagrams
tMULT
Clk/ClkB
Mult0 and/or Mult1
Figure 6. Multiply Transition Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com