Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W134SHT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W134SHT
Description  Direct Rambus Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W134SHT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button W134SHT Datasheet HTML 3Page - Cypress Semiconductor W134SHT Datasheet HTML 4Page - Cypress Semiconductor W134SHT Datasheet HTML 5Page - Cypress Semiconductor W134SHT Datasheet HTML 6Page - Cypress Semiconductor W134SHT Datasheet HTML 7Page - Cypress Semiconductor W134SHT Datasheet HTML 8Page - Cypress Semiconductor W134SHT Datasheet HTML 9Page - Cypress Semiconductor W134SHT Datasheet HTML 10Page - Cypress Semiconductor W134SHT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
W134M/W134S
Document #: 38-07426 Rev. *B
Page 7 of 12
Figure 5 shows that the Clk Stop to Normal transition goes
through three phases. During tCLKON, the clock output is not
specified and can have glitches. For tCLKON < t < tCLKSETL, the
clock output is enabled and must be glitch-free. For
t> tCLKSETL, the clock output phase must be settled to within
50 ps of the phase before the clock output was disabled. At
this time, the clock output must also meet the voltage and
timing specifications of Table . The outputs are in a
high-impedance state during the Clk Stop mode.
E
Clk Stop
Normal
tCLKON
10 ns
Time from StopB until Clk/ClkB provides glitch-free
clock edges.
E
Clk Stop
Normal
tCLKSETL 20 cycles Time from StopB to Clk/ClkB output settled to within 50
ps of the phase before CLK/CLKB was disabled.
F
Normal
Clk Stop
tCLKOFF
5 ns
Time from StopB to Clk/ClkB output disabled.
L
Test
Normal
tCTL
3 ms
Time from when S0 or S1 is changed until CLK/CLKB
output has resettled (excluding tDISTLOCK).
N
Normal
Test
tCTL
3 ms
Time from when S0 or S1 is changed until CLK/CLKB
output has resettled (excluding tDISTLOCK).
B,D
Normal or Clk Stop Power-down tPOWERDN
1 ms
Time from PwrDnB to the device in Power-down.
Table 8. State Transition Latency Specifications (continued)
Transition
From
To
Transition Latency
Description
Parameter
Max.
Table 9. Distributed Loop Lock Time Specification
Parameter
Description
Min.
Max.
Unit
tDISTLOCK Time from when Clk/ClkB output is settled to when the phase error between SynclkN and
PclkM falls within the tERR,PD spec in Table .
5ms
Table 10.Supply and Reference Current Specification
Parameter
Description
Min.
Max.
Unit
IPOWERDOWN
“Supply” current in Power-down state (PwrDnB 1 = 0)
–
250
µA
ICLKSTOP
“Supply” current in Clk Stop state (StopB = 0)
–
65
mA
INORMAL
“Supply” current in Normal state (StopB = 1,PwrDnB = 1)
–
100
mA
IREF,PWDN
Current at VDDIR or VDDIPD reference pin in Power-down state (PwrDnB = 0)
–
50
µA
IREF,NORM
Current at VDDIR or VDDIPD reference pin in Normal or Clk Stop state (PwrDnB = 1)
–
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com