Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46170 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 41Page - Dialog Semiconductor SLG46170 Datasheet HTML 42Page - Dialog Semiconductor SLG46170 Datasheet HTML 43Page - Dialog Semiconductor SLG46170 Datasheet HTML 44Page - Dialog Semiconductor SLG46170 Datasheet HTML 45Page - Dialog Semiconductor SLG46170 Datasheet HTML 46Page - Dialog Semiconductor SLG46170 Datasheet HTML 47Page - Dialog Semiconductor SLG46170 Datasheet HTML 48Page - Dialog Semiconductor SLG46170 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
000-0046170-103
Page 44 of 86
SLG46170
11.0 Digital Storage Elements (DFFs/Latches)
There are six D Flip Flop / Latches (DFF/Latch logic cells within the SLG46170 available for design. The source and destination
of the inputs and outputs for the DFF/Latches are configured from the connection matrix. All DFF/Latch macrocells have user
selection for initial state. DFF0 has the option to connect both the Q and Q Bar outputs to the connection matrix, DFF1, DFF2,
DFF3, DFF5 and DFF6 can only connect the Q output to the matrix. The macrocells DFF0, DFF1, DFF2 and DFF3 have an
additional input from the matrix that can serve as a nSet or nReset function to the macrocell.
Note that one of the Combination Function Macrocells (LUT 2_0 / DFF4) can also operate as a DFF or a 2-bit LUT please see
Section 10.1 2-Bit LUT or D Flip Flop Macrocells for the description of this Combination Function macrocell.
The operation of the D Flip-Flop and Latch will follow the functional descriptions below:
DFF: CLK is rising edge triggered, then Q = D; otherwise Q will not change
Latch: if CLK = 0, then Q = D
if CLK = 1, then Q will not change
Figure 11. DFF/Latch0
DFF/Latch0
D
reg <693>
From Connection Matrix Output <20>
To Connection Matrix Input <19>
CK
From Connection Matrix Output <19>
Q
Q
To Connection Matrix Input <18>
nRSTZ
nSETZ
0
1
From Connection Matrix Output <21>
0
1
reg <694>
reg <695>
Initial Polarity Select
DFF or Latch Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com