Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46170 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 16Page - Dialog Semiconductor SLG46170 Datasheet HTML 17Page - Dialog Semiconductor SLG46170 Datasheet HTML 18Page - Dialog Semiconductor SLG46170 Datasheet HTML 19Page - Dialog Semiconductor SLG46170 Datasheet HTML 20Page - Dialog Semiconductor SLG46170 Datasheet HTML 21Page - Dialog Semiconductor SLG46170 Datasheet HTML 22Page - Dialog Semiconductor SLG46170 Datasheet HTML 23Page - Dialog Semiconductor SLG46170 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
000-0046170-103
Page 19 of 86
SLG46170
7.4.2 PIN 3 Register Settings
7.4.3 PIN 4 Register Settings
Table 12. PIN 3 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 3 Mode Control
<857:855>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
PIN 3 Pull Up/Down
Resistor Value
Selection
<859:858>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 3 Pull Up/Down
Resistor Selection
<860>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 3 Driver
Strength Selection
<861>
0: 1X
1: 2X
Table 13. PIN 4 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 4 Mode Control
<864:862>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
PIN 4 Pull Up/Down
Resistor Value
Selection
<866:865>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 4 Pull Up/Down
Resistor Selection
<867>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 4 Driver
Strength Selection
<868>
0: 1X
1: 2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com