Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46170 Datasheet(PDF) 81 Page - Dialog Semiconductor

Part # SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Datasheet(HTML) 81 Page - Dialog Semiconductor

Back Button SLG46170 Datasheet HTML 77Page - Dialog Semiconductor SLG46170 Datasheet HTML 78Page - Dialog Semiconductor SLG46170 Datasheet HTML 79Page - Dialog Semiconductor SLG46170 Datasheet HTML 80Page - Dialog Semiconductor SLG46170 Datasheet HTML 81Page - Dialog Semiconductor SLG46170 Datasheet HTML 82Page - Dialog Semiconductor SLG46170 Datasheet HTML 83Page - Dialog Semiconductor SLG46170 Datasheet HTML 84Page - Dialog Semiconductor SLG46170 Datasheet HTML 85Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 87 page
background image
000-0046170-103
Page 80 of 86
SLG46170
reg<979>
NVM data read disable
0: Disable (program data can be read)
1: Enable (Program data cannot be read)
reg<980>
NVM power down
0: None (or programming enable)
1: Power Down (or programming disable)
reg<981>
GPIO quick charge enable
0: Disable
1: Enable
reg<983: 982> Reserved
reg<991:984> Reserved
reg<999:992> 8-bit Pattern ID
reg<1001:1000>
Delay value select for programmable delay & edge de-
tector
(VDD 3.3V, typ)
00: 125 ns
01: 250 ns
10: 375 ns
11: 500 ns
reg<1003:1002>
Select the edge mode of programmable delay & edge
detector
00: rising edge detector
01: falling edge detector
10: both edge detector
11: both edge delay
reg<1004>
Select edge detector output mode
0: edge detector output
1: delayed edge detector output
reg<1005>
Select polarity of filter_0 output
0: non-inverted
1: inverted
reg<1006>
Select polarity of filter_1 output
0: non-inverted
1: inverted
reg<1007>
Reserved
reg<1013:1008 > Reserved
reg<1014>
Reserved
reg<1015>
Reserved
reg<1023:1016> Reserved
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com