Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATFI1502AS Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATFI1502AS Datasheet HTML 5Page - ATMEL Corporation ATFI1502AS Datasheet HTML 6Page - ATMEL Corporation ATFI1502AS Datasheet HTML 7Page - ATMEL Corporation ATFI1502AS Datasheet HTML 8Page - ATMEL Corporation ATFI1502AS Datasheet HTML 9Page - ATMEL Corporation ATFI1502AS Datasheet HTML 10Page - ATMEL Corporation ATFI1502AS Datasheet HTML 11Page - ATMEL Corporation ATFI1502AS Datasheet HTML 12Page - ATMEL Corporation ATFI1502AS Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
ATF1502AS(L)
0995J–PLD–09/02
JTAG
Boundary-scan
Cell (BSC)
Testing
The ATF1502AS contains up to 32 I/O pins and four input pins, depending on the device type
and package type selected. Each input pin and I/O pin has its own boundary-scan cell (BSC)
in order to support boundary-scan testing as described in detail by IEEE Standard 1149.1. A
typical BSC consists of three capture registers or scan registers and up to two update regis-
ters. There are two types of BSCs, one for input or I/O pin, and one for the macrocells. The
BSCs in the device are chained together through the capture registers. Input to the capture
register chain is fed in from the TDI pin while the output is directed to the TDO pin. Capture
registers are used to capture active device data signals, to shift data in and out of the device
and to load data into the update registers. Control signals are generated internally by the
JTAG TAP controller. The BSC configuration for the input and I/O pins and macrocells is
shown below.
BSC
Configuration
for Input and I/O
Pins (Except
JTAG TAP Pins)
Note:
1. The ATF1502AS has a pull-up option on TMS and TDI pins. This feature is selected as a
design option.
BSC
Configuration
for Macrocell
0
1
0
1
DQ
DQ
Capture
DR
Update
DR
0
1
0
1
DQ
DQ
TDI
OUTJ
OEJ
Shift
Clock
Mode
TDO
BSC for I/O Pins and Macrocells
0
1
D
Q
TDI
CLOCK
TDO
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com