Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATFI1502AS Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 5 Page - ATMEL Corporation

  ATFI1502AS Datasheet HTML 1Page - ATMEL Corporation ATFI1502AS Datasheet HTML 2Page - ATMEL Corporation ATFI1502AS Datasheet HTML 3Page - ATMEL Corporation ATFI1502AS Datasheet HTML 4Page - ATMEL Corporation ATFI1502AS Datasheet HTML 5Page - ATMEL Corporation ATFI1502AS Datasheet HTML 6Page - ATMEL Corporation ATFI1502AS Datasheet HTML 7Page - ATMEL Corporation ATFI1502AS Datasheet HTML 8Page - ATMEL Corporation ATFI1502AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
ATF1502AS(L)
0995J–PLD–09/02
The clock itself can be either one of the Global CLK signals (GCK[0 : 2]) or an individual prod-
uct term. The flip-flop changes state on the clock’s rising edge. When the GCK signal is used
as the clock, one of the macrocell product terms can be selected as a clock enable. When the
clock enable function is active and the enable signal (product term) is low, all clock edges are
ignored. The flip-flop’s asynchronous reset signal (AR) can be either the Global Clear
(GCLEAR), a product term, or always off. AR can also be a logic OR of GCLEAR with a prod-
uct term. The asynchronous preset (AP) can be a product term or always off.
Extra Feedback
The ATF1502AS(L) macrocell output can be selected as registered or combinatorial. The
extra buried feedback signal can be either combinatorial or a registered signal regardless of
whether the output is combinatorial or registered. (This enhancement function is automatically
implemented by the fitter software.) Feedback of a buried combinatorial output allows the cre-
ation of a second latch within a macrocell.
I/O Control
The output enable multiplexer (MOE) controls the output enable signal. Each I/O can be indi-
vidually configured as an input, output or for bi-directional operation. The output enable for
each macrocell can be selected from the true or compliment of the two output enable pins, a
subset of the I/O pins, or a subset of the I/O macrocells. This selection is automatically done
by the fitter software when the I/O is configured as an input, all macrocell resources are still
available, including the buried feedback, expander and cascade logic.
Global Bus/Switch
Matrix
The global bus contains all input and I/O pin signals as well as the buried feedback signal from
all 32 macrocells. The switch matrix in each logic block receives as its inputs all signals from
the global bus. Under software control, up to 40 of these signals can be selected as inputs to
the logic block.
Foldback Bus
Each macrocell also generates a foldback product term. This signal goes to the regional bus
and is available to four macrocells. The foldback is an inverse polarity of one of the macrocell’s
product terms. The four foldback terms in each region allow generation of high fan-in sum
terms (up to nine product terms) with little additional delay.
Programmable
Pin-keeper
Option for
Inputs and I/Os
The ATF1502AS offers the option of programming all input and I/O pins so that pin-keeper cir-
cuits can be utilized. When any pin is driven high or low and then subsequently left floating, it
will stay at that previous high or low level. This circuitry prevents unused input and I/O lines
from floating to intermediate voltage levels, which causes unnecessary power consumption
and system noise. The keeper circuits eliminate the need for external pull-up resistors and
eliminate their DC power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com