Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATFI1502AS Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATFI1502AS Datasheet HTML 10Page - ATMEL Corporation ATFI1502AS Datasheet HTML 11Page - ATMEL Corporation ATFI1502AS Datasheet HTML 12Page - ATMEL Corporation ATFI1502AS Datasheet HTML 13Page - ATMEL Corporation ATFI1502AS Datasheet HTML 14Page - ATMEL Corporation ATFI1502AS Datasheet HTML 15Page - ATMEL Corporation ATFI1502AS Datasheet HTML 16Page - ATMEL Corporation ATFI1502AS Datasheet HTML 17Page - ATMEL Corporation ATFI1502AS Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
ATF1502AS(L)
0995J–PLD–09/02
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
The OGI pin (high-voltage pin during programming) has a maximum capacitance of 12 pF.
Timing Model
Input Test Waveforms and Measurement Levels
tR,tF =1.5 ns typical
Output AC Test Loads
Pin Capacitance(1)
Typ
Max
Units
Conditions
CIN
810
pF
VIN = 0V;f= 1.0 MHz
CI/O
810
pF
VOUT =0V; f = 1.0MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com