Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATFI1502AS Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATFI1502AS Datasheet HTML 13Page - ATMEL Corporation ATFI1502AS Datasheet HTML 14Page - ATMEL Corporation ATFI1502AS Datasheet HTML 15Page - ATMEL Corporation ATFI1502AS Datasheet HTML 16Page - ATMEL Corporation ATFI1502AS Datasheet HTML 17Page - ATMEL Corporation ATFI1502AS Datasheet HTML 18Page - ATMEL Corporation ATFI1502AS Datasheet HTML 19Page - ATMEL Corporation ATFI1502AS Datasheet HTML 20Page - ATMEL Corporation ATFI1502AS Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
ATF1502AS(L)
0995J–PLD–09/02
SUPPLY CURRENT VS. SUPPLY VOLTAGE
AS VERSION (TA = 25°C, F = 0)
0
10
20
30
40
50
60
70
4.5
4.75
5
5.25
5.5
VCC (V)
STANDARD POWER
REDUCED POWER
SUPPLY CURRENT VS. SUPPLY VOLTAGE
PIN-CONTROLLED POWER-DOWN MODE (TA =25°C, F = 0)
0
2
4
6
8
10
12
14
4.5
4.75
5
5.25
5.5
VCC (V)
TBD
SUPPLY CURRENT VS. FREQUENCY
AS VERSION (TA = 25°C)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.00
20.00
40.00
60.00
80.00
100.00
FREQUENCY (MHz)
STANDARD POWER
REDUCED POWER
OUTPUT SOURCE CURRENT VS. SUPPLY VOLTAGE
(VOH =2.4V, TA = 25°C)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
4.50
4.75
5.00
5.25
5.50
SUPPLY VOLTAGE (V)
SUPPLY CURRENT VS. SUPPLY VOLTAGE
(T = 25°C, NON-TURBO, BIT6 = 0, BIT 30 = 0)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
4.00
4.50
4.75
5.00
5.25
5.50
6.00
VCC (V)
SUPPLY CURRENT VS. FREQUENCY
ASL (LOW-POWER) VERSION (TA = 25°C)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.00
10.00
20.00
30.00
40.00
50.00
FREQUENCY (MHz)
STANDARD POWER
REDUCED POWER
OUTPUT SOURCE CURRENT VS. OUTPUT VOLTAGE
(VCC =5V, TA = 25°C)
-100.0
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com