Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATFI1502AS Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATFI1502AS
Description  High-performance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFI1502AS Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATFI1502AS Datasheet HTML 17Page - ATMEL Corporation ATFI1502AS Datasheet HTML 18Page - ATMEL Corporation ATFI1502AS Datasheet HTML 19Page - ATMEL Corporation ATFI1502AS Datasheet HTML 20Page - ATMEL Corporation ATFI1502AS Datasheet HTML 21Page - ATMEL Corporation ATFI1502AS Datasheet HTML 22Page - ATMEL Corporation ATFI1502AS Datasheet HTML 23Page - ATMEL Corporation ATFI1502AS Datasheet HTML 24Page - ATMEL Corporation ATFI1502AS Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
ATF1502AS(L)
0995J–PLD–09/02
Using “C” Product for Industrial
To use commercial product for industrial temperature ranges, down-grade one speed grade from the “I” to the “C” device
(7 ns “C” = 10 ns “I”) and de-rate power by 30%.
Ordering Information
tPD
(ns)
tCO1
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
7.5
4.5
166.7
ATF1502AS-7 AC44
ATF1502AS-7 JC44
44A
44J
Commercial
(0
°Cto70°C)
10
5
125
ATF1502AS-10 AC44
ATF1502AS-10 JC444
44A
44J
Commercial
(0
°Cto70°C)
ATF1502AS-10 AI44
ATF1502AS-10 JI44
44A
44J
Industrial
(-40
°Cto +85°C)
15
8
100
ATF1502AS-15 AC44
ATF1502AS-15 JC44
44A
44J
Commercial
(0
°Cto70°C)
ATF1502AS-15 AI44
ATF1502AS-15 JI44
44A
44J
Industrial
(-40
°Cto +85°C)
25
13
60
ATF1502ASL-25 AC44
ATF1502ASL-25 JC44
44A
44J
Commercial
(0
°Cto70°C)
ATF1502ASL-25 AI44
ATF1502ASL-25 JI44
44A
44J
Industrial
(-40
°Cto +85°C)
Package Type
44A
44-lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44-lead, Plastic J-leaded Chip Carrier OTP (PLCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com