Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7293BCPZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 55Page - Analog Devices AD7293BCPZ Datasheet HTML 56Page - Analog Devices AD7293BCPZ Datasheet HTML 57Page - Analog Devices AD7293BCPZ Datasheet HTML 58Page - Analog Devices AD7293BCPZ Datasheet HTML 59Page - Analog Devices AD7293BCPZ Datasheet HTML 60Page - Analog Devices AD7293BCPZ Datasheet HTML 61Page - Analog Devices AD7293BCPZ Datasheet HTML 62Page - Analog Devices AD7293BCPZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 59 of 78
OFFSET 1 (PAGE 0x0F)
Table 86. Offset 1 (Page 0x0F)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion
command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
AVDD offset
1
R/W
0x0000
0x11
DACVDD-UNI offset
1
R/W
0x0000
0x12
DACVDD-BI offset
1
R/W
0x0000
0x13
AVSS offset
1
R/W
0x0000
0x14
BI-VOUT0MON offset
1
R/W
0x0000
0x15
BI-VOUT1MON offset
1
R/W
0x0000
0x16
BI-VOUT2MON offset
1
R/W
0x0000
0x17
BI-VOUT3MON offset
1
R/W
0x0000
0x28
RS0+MON offset
1
R/W
0x0000
0x29
RS1+MON offset
1
R/W
0x0000
0x2A
RS2+MON offset
1
R/W
0x0000
0x2B
RS3+MON offset
1
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
AVDD, DAC Supply (DACVDD-UNI/DACVDD-BI), and AVSS Offset
Registers (Register 0x10 to Register 0x13)
These read/write 8-bit registers store the offset values for the
relevant supply voltage monitoring channels.
BI-VOUT0MON to BI-VOUT3MON Offset Registers (Register 0x14
to Register 0x17)
These read/write 8-bit registers store the offset values for the
relevant DAC monitoring channels.
RSx+MON Offset Registers (Register 0x28 to Register 0x2B)
These read/write 8-bit registers store the offset values for the
relevant DAC monitoring channels. Note that, prior to
conversion, the RSx+MON voltages are divided by 50.
Table 87. AVDD, DAC Supply, AVSS, BI-VOUTxMON, and RSx+MON Offset Registers (Register 0x10 to Register 0x2B)
Bit Number(s)
Bit Name
Description
D7
B7
0: 0 LSB (default)
1: −128 LSB
D6
B6
0: 0 LSB (default)
1: 64 LSB
D5
B5
0: 0 LSB (default)
1: 32 LSB
D4
B4
0: 0 LSB (default)
1: 16 LSB
D3
B3
0: 0 LSB (default)
1: 8 LSB
D2
B2
0: 0 LSB (default)
1: 4 LSB
D1
B1
0: 0 LSB (default)
1: 2 LSB
D0
B0
0: 0 LSB (default)
1: 1 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com