Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7293BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 4Page - Analog Devices AD7293BCPZ Datasheet HTML 5Page - Analog Devices AD7293BCPZ Datasheet HTML 6Page - Analog Devices AD7293BCPZ Datasheet HTML 7Page - Analog Devices AD7293BCPZ Datasheet HTML 8Page - Analog Devices AD7293BCPZ Datasheet HTML 9Page - Analog Devices AD7293BCPZ Datasheet HTML 10Page - Analog Devices AD7293BCPZ Datasheet HTML 11Page - Analog Devices AD7293BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 8 of 78
CURRENT SENSOR
AVDD, DVDD, DACVDD-BI = 4.5 V to 5.5 V (connect AVDD and DACVDD-BI to the same potential), DACVDD-UNI = 5 V, AVSS = −5 V, PAVDD = 5 V,
AGND = DGND = 0 V, VREFIN = 2.5 V internal or external; VDRIVE = 1.7 V to 5.5 V; TA = −40°C to +125°C, gain = 6.25, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT SENSE
RSx+ = AVDD to AVSS + 60 V
Common-Mode Input Voltage Range
4
60
V
AVSS = 0 V
4
55
V
AVSS = −5 V
Differential Input Voltage Range
−200
+200
mV
Gain = 6.25, for gain settings, see Table 44
Gain Error
±0.1
±0.7
%
Gain Error Temperature Coefficient
−16
ppm/°C
Offset Error (Referred to Input, RTI)
±200
µV
Offset Error Drift
1
µV/°C
DC Common-Mode Rejection
100
140
dB
RSx+1 Pin Input Current
105
µA
RSx−1 Pin Input Current
10
nA
Differential Input Resistance2
700
kΩ
1
Where x is 0, 1, 2, or 3.
2
Guaranteed by design and characterization; not production tested.
CLOSED-LOOP SPECIFICATIONS
AVDD, DVDD, DACVDD-BI = 4.5 V to 5.5 V (connect AVDD and DACVDD-BI to the same potential), DACVDD-UNI = 5 V, AVSS = −5 V, PAVDD =
5 V, AGND = DGND = 0 V, VREFIN = 2.5 V internal or external; VDRIVE = 1.7 V to 5.5 V; TA = −40°C to +125°C, unless otherwise noted.
Power amplifier transconductance = 1 S to 5 S, and external gate filter time constant (τG) = 5 µs to 50 µs.
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
NORMAL OPERATION1, 2
Setpoint Resolution
12
Bits
Equivalent to 200 mV/4096 = 49 µV at the current
sense input
Sense Resistor Voltage Range
0
200
mV
Setpoint Gain Error
±0.5
%
Setpoint Offset Error (RTI)
±100
µV
Referred to current sense input; see Figure 31
Integrator Time Constant3
840
µs
Programmable; see Table 50
Closed-Loop Update Rate3
59.6
kHz
Capacitive Load Stability
1
µF
5 Ω series resistance
Closed-Loop to Clamp Settling Time
1
µs
Within ±10%
Bipolar Closed-Loop Output Range
AVSS
AVDD
V
See the Bipolar DAC (BI-VOUTx) Offset Registers
(Register 0x34 to Register 0x37) section
Integrator Programmable Voltage Limit Resolution
2.5
mV
See the Closed-Loop Integrator Programmable
Voltage Limit section
START SEQUENCING PA_ON CONTROL2
PA_ON Pin Output Voltage
AGND
PAVDD
V
PA_ON Off State Enable
500
µs
Measured from AVSS failure event, CL = 1 nF
500
µs
Measured from SLEEP0 or SLEEP1 pin, 0 to 1
transition, CL = 1 nF
PA_ON On State Enable
500
µs
Measured from SLEEP1 to SLEEP0 transition, CL = 1 nF
PA_ON Short-Circuit Current
±10
mA
PA_ON Resistance
250
Ω
AVDD/AVSS ALARM
AVDD Alarm Threshold
3.2
3.6
3.9
V
AVSS Alarm Threshold
−3.8
−4.1
−4.4
V
1
Power amplifier characteristic dependent.
2
Guaranteed by design and characterization; not production tested.
3
Expressed as a function of the internal oscillator frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com