Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8452 Datasheet(PDF) 33 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8452 Datasheet HTML 27Page - Analog Devices AD8452 Datasheet HTML 28Page - Analog Devices AD8452 Datasheet HTML 29Page - Analog Devices AD8452 Datasheet HTML 30Page - Analog Devices AD8452 Datasheet HTML 31Page - Analog Devices AD8452 Datasheet HTML 32Page - Analog Devices AD8452 Datasheet HTML 33Page - Analog Devices AD8452 Datasheet HTML 34Page - Analog Devices AD8452 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
AD8452
Data Sheet
Rev. 0 | Page 32 of 34
Table 10. Summary of Synchronization Options of the AD8452
DC Control Bias Applied to the SCFG
Pin (V)
SYNC Pin Input/Output State
and Delay Options
Master/Slave Sync
Input/
Output
Delay
0 to 0.50
Input
No delay
Slave
0.65 to 4.25
Input
0 μs to 7.5 μs delay (see Figure 27)
Slave
4.53 to 5
Output
No delay
Master
Figure 51 shows the internal voltage ramp of the AD8452. The
voltage ramp is a well controlled 4 V p-p.
4.5V
0.5V
0V
4V p-p
0.03T
0.97T
T
Figure 51. Internal Voltage Ramp
Programming the Dead Time
To adjust the dead time on the synchronous DH and DL
outputs, connect a resistor (RDT) from DT to DGND and bypass
with a 47 pF capacitor. Select RDT for a given dead time using
Figure 28 or calculate RDT using the following equations. To
create a single equation for RDT, combine the equations for VDT
and RDT.
76
.
3
)
00
.
10
(ns)
(
)
(
−
×
=
DEAD
DT
DT
t
I
V
V
(10)
DT
DT
DT
I
V
R
=
(11)
where:
VDT is the DT pin programming voltage.
IDT is the 20 µA (typical) internal current source.
tDEAD is the desired dead time in ns.
RDT is the resistor value in kΩ for the desired dead time.
To calculate RDT for a given tDEAD, the resulting equation used is
76
.
3
00
.
10
(ns)
)
(
−
=
Ω
DEAD
DT
t
k
R
(12)
PROGRAMMING THE MAXIMUM DUTY CYCLE
The AD8452 is designed with a 97% (typical) maximum
internal duty cycle. By connecting a resistor from DMAX to
ground, the maximum duty cycle can be programmed at any
value from 0% to 97% by using the following equation:
( )
5
.
10
5
.
21
%
−
×
×
=
FREQ
DMAX
FREQ
MAX
R
R
V
D
(13)
where:
DMAX is the programmed maximum duty cycle.
VFREQ = 1.252 V (typical).
RDMAX is the value of the resistance used to program the
maximum duty cycle.
RFREQ is the frequency set resistor used in the application.
The DMAX current source is equivalent to the programmed
current of the FREQ pin:
FREQ
FREQ
FREQ
DMAX
R
V
I
I
=
=
(14)
where IDMAX = IFREQ, the current programmed on the
FREQ pin.
450
0
0
100
DUTY CYCLE (%)
100
50
200
150
250
300
350
400
60
20
80
40
TA = +25°C
MAXIMUM
DUTY CYCLE
97%
MAXIMUM
RESISTOR VALUE
(APPROX 400kΩ)
Figure 52. RDMAX vs. Duty Cycle, RFREQ = 100 kΩ, VINT = 5 V
The default maximum duty cycle of the AD8452 is 97%
(typical) even if the value of RDMAX indicates a larger percentage.
If a 97% internal maximum duty cycle is sufficient for the
application, the DMAX pin may be pulled to VREG or left
floating.
The CDMAX capacitor connected from the DMAX pin to the
ground plane must be 47 pF or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com