Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8452 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8452 Datasheet HTML 7Page - Analog Devices AD8452 Datasheet HTML 8Page - Analog Devices AD8452 Datasheet HTML 9Page - Analog Devices AD8452 Datasheet HTML 10Page - Analog Devices AD8452 Datasheet HTML 11Page - Analog Devices AD8452 Datasheet HTML 12Page - Analog Devices AD8452 Datasheet HTML 13Page - Analog Devices AD8452 Datasheet HTML 14Page - Analog Devices AD8452 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
AD8452
Data Sheet
Rev. 0 | Page 10 of 34
Pin No.
Mnemonic
Type1
Description
25
CLFLG
Output
Current-Limit Flag. CLFLG goes low and stays low when the AD8452 is in current limit mode.
Connect a 10 kΩ (minimum) resistor to the VREG pin.
26
SYNC
Input/
output
C lock Synchronization Pin. Synchronizes the clock (switching frequency) when multiple channels
are phase interleaved. Connect a 10 kΩ (minimum) resistor to the VREG pin.
27
SCFG
Input/
output
Synchronization Configuration Pin. See Table 10.
28
VREG
Output
Internal LDO 5 V Regulator Output and Internal Bias Supply. Connect a bypass capacitor of 1 µF or
greater from this pin to ground.
29
VIN
Input
Supply Voltage to the PWM Section. VIN is typically the same as the output switch supply voltage.
30
DL
Output
Logic Drive Output for the External Low-Side Metal-Oxide Semiconductor Field-Effect Transistor
(MOSFET) Driver.
31
DH
Output
Logic Drive Output for the External High-Side MOSFET Driver.
32
DGND
N/A
Digital and PWM Ground.
33
DT
Output
Dead Time Programming Pin. Connect an external resistor between this pin and ground to set the
dead time. Do not leave this pin floating.
34
SS
Output
Soft Start Control Pin. A capacitor connected from the SS pin to ground sets the soft start ramp
time. See the Selecting CSS section.
35
DMAX
Input
Maximum Duty Cycle Input. Connect an external resistor to ground to set the maximum duty
cycle. If the 97% internal maximum duty cycle is sufficient for the application, tie this pin to VREG.
If DMAX is left floating, this pin is internally pulled up to VREG.
36
FREQ
N/A
Frequency Set Pin. Connect an external resistor between this pin and ground to set the frequency
between 50 kHz and 300 kHz. When the AD8452 is synchronized to an external clock (slave mode), set
the slave frequency to 90% of the master frequency by multiplying the master RFREQ value by 1.11.
37
CLVT
Input
Current-Limit Voltage Threshold. With user selected resistor value, CLVT establishes a threshold
voltage for the current limit comparator. See the Select RCL and RCLVT for the Peak Current Limit
section.
38
CLP
Input
Current-Limit/Diode Emulation Amplifier Positive Sense Pin.
39
CLN
Input
Current-Limit/Diode Emulation Amplifier Negative Sense Pin.
40, 46
AVCC
N/A
Analog Positive Supply Pins.
42
IVE1
Input
Inverting Input of the CC Loop Filter Amplifier When in Charge Mode.
43
IVE0
Input
Inverting Input of the CC Loop Filter Amplifier When in Discharge Mode.
44
ISMEA
Output
Current Sense Instrumentation Amplifier Output.
45
ISET
Input
Scaled CC Voltage Loop Control Input for Battery Charge or Discharge Cycles. ISET is typically the
same for charge and discharge cycle.
47
AGND
N/A
Analog Ground.
48
VREF
Output
2.5 V Reference. Bypass this pin with a high quality 10 nF NP0 ceramic capacitor in series with a
10 Ω (maximum) resistor.
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com