Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8452 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8452 Datasheet HTML 18Page - Analog Devices AD8452 Datasheet HTML 19Page - Analog Devices AD8452 Datasheet HTML 20Page - Analog Devices AD8452 Datasheet HTML 21Page - Analog Devices AD8452 Datasheet HTML 22Page - Analog Devices AD8452 Datasheet HTML 23Page - Analog Devices AD8452 Datasheet HTML 24Page - Analog Devices AD8452 Datasheet HTML 25Page - Analog Devices AD8452 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Data Sheet
AD8452
Rev. 0 | Page 21 of 34
ISET
CC LOOP
AMPLIFIER
CV LOOP
AMPLIFIER
IVE1
ISVN
BVP
BVN
ISMEA
BVMEA
IA
DA
VVSET
VSET
R1
VISET
MODE
VINT
VINT
ISVP
MIN
OUTPUT
SELECT
VVE1
R2
VSET
BUFFER
VSETB
5V
–
+
–
+
–
+
–
66×
0.4×
C2
C1
IBAT
SHUNT
RS
BAT
GH
½ BRIDGE AND LPF
GL
IAC
½ BRIDGE DRIVER
DH
DL
PWM
DH
DL
HVAC/12V DC
INVERTER/CONVERTER
VCTRL/
COMP
1×
Figure 37. Functional Block Diagram of the CC and CV Loops in Charge Mode (MODE Pin High)
The VISET voltage source and VVSET voltage source set the
target constant current and the target constant voltage,
respectively. When the CC and CV feedback loops are in a
steady state, the charging current is set at
IBAT =
S
IA
ISET
R
G
V
×
where:
IBAT is the steady state charging current.
GIA is the in-amp gain.
RS is the value of the shunt resistor.
The target voltage is set at
VBAT =
DA
VSET
G
V
where:
VBAT is the steady state battery voltage.
GDA is the difference amplifier gain.
Because the offset voltage of the loop amplifiers is in series with
the target voltage sources, VISET and VVSET, the high precision of
these amplifiers minimizes this source of error.
Charging Lithium-Ion (Li-Ion) Cells
Charging Li-Ion cells is a demonstrably more difficult process
than charging most other batteries employing recyclable
technologies. The voltage margin of error between optimum
storage capacity and damage caused by overcharge is around
1%. Thus, Li-Ion cells are more critical to over/undercharging
than any other type battery style, rechargeable or not.
Li-Ion batteries also exhibit the highest energy density per unit
of weight and volume than any other style. Such high levels of
energy density make them the first choice for portable applications,
large and small, from cell phones to high capacity energy storage
banks. Realizing their greatest potential requires careful attention
to their charge characterization signature.
Concepts of Constant Current (CC) and Constant
Voltage (CV)
Batteries can be charged in constant current or constant voltage
modes. Figure 38 shows a typical CC/CV multiphase charge
profile for a Li-Ion battery. In the first stage of the charging
process, the battery is charged with a CC of 1 A. When the battery
voltage reaches a target voltage of 4.2 V, the charging process
transitions such that the battery is charged with a CV of 4.2 V.
1.25
0
0.25
0.50
0.75
1.00
0
1
2
3
4
5
TIME (Hours)
5
4
3
2
1
CURRENT (A)
VOLTAGE (V)
1A CC
CHARGE
BEGINS
TRANSITION
FROM 1A CC
TO 4.2V CV
VOLTAGE
RISES TO
VSET
VOLTAGE
RISES TO VSET
CHARGE
TERMINATES
Figure 38. Representative Li-Ion Battery Charge Profile Showing
Seamless CC to CV Transition
The following sequence of events describes how the AD8452
implements a typical CC/CV charging profile required for a
Li-Ion battery. The scenario assumes a newly manufactured,
unformed, never before charged battery, and the charge and
discharge voltage and current levels along with appropriate time
intervals have already been established empirically.
Energy levels (CC, CV, and time intervals are just a small percent of
the battery final ratings). For this example, assume a 3.2 V 10 Ah
battery is charging at IBAT = 2 A and VBAT = 4.2 V. The process
begins with ISET = 66 mV and VSET = 1.68 V, configured for
charge mode. Following the target VSET and ISET, the system is
enabled by applying a logic high to the EN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com