Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8452 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8452 Datasheet HTML 5Page - Analog Devices AD8452 Datasheet HTML 6Page - Analog Devices AD8452 Datasheet HTML 7Page - Analog Devices AD8452 Datasheet HTML 8Page - Analog Devices AD8452 Datasheet HTML 9Page - Analog Devices AD8452 Datasheet HTML 10Page - Analog Devices AD8452 Datasheet HTML 11Page - Analog Devices AD8452 Datasheet HTML 12Page - Analog Devices AD8452 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AD8452
Data Sheet
Rev. 0 | Page 8 of 34
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Analog Supply Voltage (AVCC − AVEE)
36 V
PWM Supply Voltage (VIN – DGND)
−0.3 V to +61 V
Internal Regulator Voltage (VREG − DGND)
5.5 V
Voltage
Input Pins (ISVP, ISVN, BVP, and BVN)
AVEE + 40 V
Analog Controller and Front-End Pins
(ISREFH, ISREFL, BVREFL, BVREFH, VREF,
VSET, VVP0, BVMEA, VVE0, VVE1, VINT,
IVE0, IVE1, ISMEA, ISET)
AVCC − 40 V
PWM Pins
SYNC, MODE
−0.3 V to +5.5 V
DH, DL, SS, DMAX, SCFG, DT, FREQ, CLVT
−0.3 V to
VREG + 0.3 V
Current Limit Sense Pins (CLP, CLN)
−0.3 V to +61 V
FAULT Pin and EN Pin
−0.3 V to +61 V
Maximum Digital Supply Voltage
Positive Analog Supply (VREG − AVCC)
0.3 V
Negative Analog Supply (VREG − AVEE)
−0.3 V
Maximum Digital Ground
Positive Analog Supply (DGND − AVCC)
0.3 V
Negative Analog Supply (DGND − AVEE)
−0.3 V
Maximum Analog Ground
Positive Analog Supply (AGND − AVCC)
0.3 V
Negative Analog Supply (AGND − AVEE)
−0.3 V
Analog Ground with Respect to the Digital
Ground (AGND − DGND)
Maximum
0.3 V
Minimum
−0.3 V
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 7. Thermal Resistance
Package Type
θJA2
Unit
ST-481
81
°C/W
1
Dissipation ≤ 0.3, TA = 25°C.
2
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com