Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8452 Datasheet(PDF) 30 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD8452 Datasheet HTML 26Page - Analog Devices AD8452 Datasheet HTML 27Page - Analog Devices AD8452 Datasheet HTML 28Page - Analog Devices AD8452 Datasheet HTML 29Page - Analog Devices AD8452 Datasheet HTML 30Page - Analog Devices AD8452 Datasheet HTML 31Page - Analog Devices AD8452 Datasheet HTML 32Page - Analog Devices AD8452 Datasheet HTML 33Page - Analog Devices AD8452 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Data Sheet
AD8452
Rev. 0 | Page 29 of 34
POWER SUPPLY CONNECTIONS
The AD8452 requires three analog power supplies (AVCC, VIN,
and AVEE). Two separate ground pins, AGND and DGND,
provide options for isolating analog and digital ground paths in
high noise environments. In most applications, however, these
two pins can be connected to a common ground.
AVCC and AVEE power all the analog blocks, including the
in-amp, difference amplifier, and op amps. VIN powers an internal
5 V LDO regulated supply (VREG) that powers the mode logic
and PWM.
The rated absolute maximum value for AVCC − AVEE is 36 V,
and the minimum operating AVCC and AVEE voltages are +10 V
and −26 V, respectively. Due to the high PSRR of the AD8452
analog circuitry, the AVCC pin can be connected directly to the
high current power bus (the input voltage of the power converter)
without risking injection of supply noise to the controller outputs.
A commonly used power supply combination is +12 V for
AVCC and −5 V for AVEE. The 12 V rail for AVCC provides
enough headroom to the in-amp such that it can be connected
in a high-side current sensing configuration. The −5 V AVEE
rail allows the difference amplifier output to become negative if
the battery under test (BUT) is accidentally connected in
reverse. The condition can be detected by monitoring BVMEA
for reverse voltage.
It is good practice to connect decoupling capacitors to all the
supply pins. A 1 µF ceramic capacitor in parallel with a 0.1 µF
capacitor is recommended.
CURRENT SENSE IN-AMP CONNECTIONS
For a description of the instrumentation amplifier, see the
Theory of Operation section, Figure 33, and Figure 35. The
in-amp fixed gain is 66 V/V.
Current Sensors
Two common options for current sensors are isolated current
sensing transducers and shunt resistors. Isolated current sensing
transducers are galvanically isolated from the power converter
and are affected less by the high frequency noise generated by
switch mode power supplies. Shunt resistors are far less
expensive, easier to deploy and generally more popular.
If a shunt resistor sensor is used, a 4-terminal, low resistance shunt
resistor is recommended. Two of the four terminals conduct the
battery current, whereas the other two terminals conduct virtually
no current. The terminals that conduct no current are sense
terminals that are used to measure the voltage drop across the
resistor (and, therefore, the current flowing through it) using an
amplifier such as the in-amp of the AD8452. To interface the
in-amp with the current sensor, connect the sense terminals of
the sensor to the ISVP pin and ISVN pin of the AD8452 (see
Figure 50).
Optional Low-Pass Filter
Due to the extremely high impedance of the instrumentation
amplifier used for a current shunt amplifier, power stage
switching noise can become an issue if the input circuitry is in
close proximity to the power stage components. This issue is
mitigated by shielding the input leads with ground potential
shielding designed into the PCB artwork and keeping the input
leads close together between the current sense shunt and the
input pins.
Connecting an external differential low-pass filter between the
current sensor and the in-amp inputs is also an effective method to
reduce the injection of switching noise into the in-amp (see
Figure 50).
ISVP
10kΩ
10kΩ
20kΩ
20kΩ
4-TERMINAL
SHUNT
IBAT
BATTERY
UNTER TEST
ISVN
10kΩ
10kΩ
305Ω
IMEAS
+
–
OPT
LPF
Figure 50. 4-Terminal Shunt Resistor Connected to the Current Sense In-Amp
VOLTAGE SENSE DIFFERENTIAL AMPLIFIER
CONNECTIONS
For a description of the difference amplifier, see the Theory of
Operation section, Figure 33, and Figure 36. The gain of the
difference amplifier is fixed at 0.4×. For AD8452 applications in
large installations, the best practice is to connect each battery
with a dedicated pair of conductors to avoid accuracy issues.
This recommendation applies whether using wiring harnesses
or a distributed PCB approach (mother/ daughter boards) to the
system design.
BATTERY CURRENT AND VOLTAGE CONTROL
INPUTS (ISET AND VSET)
The voltages at the ISET pin and the VSET pin set the target
battery current and voltage (CC mode and CV mode) and
require highly accurate and stable voltages to drive them. For a
locally controlled system, a low noise LDO regulator such as the
ADP7102ARDZ-5.0 is appropriate. For large scale computer
controlled systems, a digital-to-analog converter (DAC) such as
the dual channel, 16-bit AD5689RBRUZ is suitable for these
purposes. In either event, the source output voltage and the in-amp
and difference amplifier reference pins (ISREFH/ISREFL and
BVREFH/BVREFL, respectively) must use the same ground
reference. For example, if the in-amp reference pins are connected
to AGND, the voltage source connected to ISET must also be
referenced to AGND. In the same way, if the difference amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com