Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 158Page - STMicroelectronics ST25DV04K Datasheet HTML 159Page - STMicroelectronics ST25DV04K Datasheet HTML 160Page - STMicroelectronics ST25DV04K Datasheet HTML 161Page - STMicroelectronics ST25DV04K Datasheet HTML 162Page - STMicroelectronics ST25DV04K Datasheet HTML 163Page - STMicroelectronics ST25DV04K Datasheet HTML 164Page - STMicroelectronics ST25DV04K Datasheet HTML 165Page - STMicroelectronics ST25DV04K Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
162/220
DocID027603 Rev 4
7.6.40
Fast Extended Read Multiple Block
On receiving the Fast Extended Read Multiple Block command, the ST25DVxxx reads the
selected blocks and sends back their value in multiples of 32 bits in the response. The
blocks are numbered from 00h to up to the last block of memory in the request and the value
is minus one (–1) in the field. For example, if the “Number of blocks” field contains the value
06h, seven blocks are read. The maximum number of blocks is fixed to 2047 assuming that
they are all located in the same area. If the number of blocks overlaps several areas or
overlaps the end of user memory, the ST25DVxxx returns an error code.
When the Option_flag is set, the response includes the Block Security Status. The data rate
of the response is multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error
code.
The Inventory_flag must be set to 0.
Block number is coded on 2 Bytes so all memory blocks of ST25DV16K-xx and
ST25DV64K-xx can be addressed using this command.
Request parameters:
•
Request flag
•
UID (Optional)
•
First block number
•
Number of blocks
Figure 68. Fast Read Multiple Block frame exchange
between VCD and ST25DVxxx
VCD
SOF
Fast Read
Multiple Block
request
EOF
ST25DVxxx
<-t1-> SOF
Fast Read
Multiple Block
response
EOF
Table 186. Fast Extended Read Multiple Block request format
Request
SOF
Request_
flags
Fast
Extended
Read Multiple
Block
IC Mfg
code
UID(1)
1. Gray color means that the field is optional.
First
block
number
Block
Number
CRC16
Request
EOF
-8 bits
C5h
02h
64 bits
16 bits
16 bits
16 bits
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com