Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 162Page - STMicroelectronics ST25DV04K Datasheet HTML 163Page - STMicroelectronics ST25DV04K Datasheet HTML 164Page - STMicroelectronics ST25DV04K Datasheet HTML 165Page - STMicroelectronics ST25DV04K Datasheet HTML 166Page - STMicroelectronics ST25DV04K Datasheet HTML 167Page - STMicroelectronics ST25DV04K Datasheet HTML 168Page - STMicroelectronics ST25DV04K Datasheet HTML 169Page - STMicroelectronics ST25DV04K Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
166/220
DocID027603 Rev 4
Response parameters:
•
One byte of data: volatile Control register.
Response parameter:
•
Error code as Error_flag is set:
–
02h: command option not recognized
–
03h: command not supported
–
0Fh: error with no information given
7.6.43
Fast Read Dynamic Configuration
On receiving the Fast Read Dynamic Configuration command, the ST25DVxxx reads the
Dynamic register address by the pointer and sends back its 8-bit value in the response.
The Option_flag is not supported. The Inventory_flag must be set to 0.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error
code.
The data rate of the response is multiplied by 2 compared to Read Dynamic Configuration
command.
Table 194. Fast Read Message Length response format when Error_flag is NOT set
Response SOF
Response_flags
Data
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Table 195. Fast Read Message Length response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Figure 71. Fast Read Message Length frame exchange between VCD and ST25DVxxx
VCD
SOF
Fast Read
Message Length
request
EOF
ST25DVxxx
<-t1-> SOF
Fast Read
Message Length
request
EOF
Table 196. Fast Read Dynamic Configuration request format
Request
SOF
Request_flags
Fast Read Dynamic
Configuration
IC Mfg
code
UID(1)
Pointer
address
CRC16
Request
EOF
-
8 bits
CDh
02h
64 bits
8 bits
16 bits
-
1. Gray color means that the field is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com