Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 161Page - STMicroelectronics ST25DV04K Datasheet HTML 162Page - STMicroelectronics ST25DV04K Datasheet HTML 163Page - STMicroelectronics ST25DV04K Datasheet HTML 164Page - STMicroelectronics ST25DV04K Datasheet HTML 165Page - STMicroelectronics ST25DV04K Datasheet HTML 166Page - STMicroelectronics ST25DV04K Datasheet HTML 167Page - STMicroelectronics ST25DV04K Datasheet HTML 168Page - STMicroelectronics ST25DV04K Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 220 page
background image
DocID027603 Rev 4
165/220
ST25DV04K ST25DV16K ST25DV64K
RF operations
219
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
7.6.42
Fast Read Message Length
On receiving the Fast Read Message Length command, the ST25DV reads the
MB_LEN_dyn register which contains the mailbox message length and sends back its 8-bit
value in the response.
The Option_flag is not supported. The Inventory_flag must be set to 0.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error
code.
The data rate of the response is multiplied by 2 compared to Read Message Length
command.
Request parameters:
•
Request flag
•
UID (optional)
Figure 70. Fast Write Message frame exchange between VCD and ST25DVxxx
VCD
SOF
Fast Write
Message
request
EOF
ST25DVxxx
<-t1-> SOF
Fast Write
Message
rresponse0
EOF
Write sequence when
error
ST25DVxxx
<------------------- t1 --------------->
SOF
Fast Write
Message
r response
EOF
Table 193. Fast Read Message Length request format
Request
SOF
Request_flags
Fast Read
Message Length
IC Mfg
code
UID(1)
1. Gray color means that the field is optional.
CRC16
Request
EOF
-
8 bits
CBh
02h
64 bits
16 bits
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com