Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9278BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9278BBCZ
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278BBCZ Datasheet(HTML) 4 Page - Analog Devices

  AD9278BBCZ Datasheet HTML 1Page - Analog Devices AD9278BBCZ Datasheet HTML 2Page - Analog Devices AD9278BBCZ Datasheet HTML 3Page - Analog Devices AD9278BBCZ Datasheet HTML 4Page - Analog Devices AD9278BBCZ Datasheet HTML 5Page - Analog Devices AD9278BBCZ Datasheet HTML 6Page - Analog Devices AD9278BBCZ Datasheet HTML 7Page - Analog Devices AD9278BBCZ Datasheet HTML 8Page - Analog Devices AD9278BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Data Sheet
AD9278
Rev. A | Page 3 of 44
SPECIFICATIONS
AC SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, full temperature range (−40°C to +85°C), fIN = 5 MHz,
RS = 50 Ω, RFB = ∞ (unterminated), LNA gain = 21.3 dB, LNA bias = default, PGA gain = 24 dB, GAIN− = 0.8 V, GAIN+ = 0 V, AAF LPF
cutoff = fSAMPLE/3 (MODE I/II/III), AAF LPF cutoff = fSAMPLE/4.5 (MODE IV), HPF cutoff = LPF cutoff/12, MODE I = fSAMPLE = 40 MSPS,
MODE II = fSAMPLE = 25 MSPS, MODE III = fSAMPLE = 50 MSPS, MODE IV = fSAMPLE = 65 MSPS, low power LVDS mode, unless otherwise
noted.
Table 1.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
LNA CHARACTERISTICS
Gain
Single-ended input to differential
output
15.6/17.9/21.3
dB
Single-ended input to single-ended
output
9.6/11.9/15.3
dB
0.1 dB Input Compression Point
LNA gain = 15.6 dB
1.00
V p-p
LNA gain = 17.9 dB
0.75
V p-p
LNA gain = 21.3 dB
0.45
V p-p
1 dB Input Compression Point
LNA gain = 15.6 dB
1.20
V p-p
LNA gain = 17.9 dB
0.90
V p-p
LNA gain = 21.3 dB
0.60
V p-p
Input Common Mode (LI-x, LG-x)
2.2
V
Output Common Mode (LO-x)
V
Output Common Mode (LOSW-x)
Switch off
High-Z
Ω
Switch on
1.5
V
Input Resistance (LI-x)
RFB = 350 Ω, LNA gain = 21.3 dB
50
Ω
RFB = 1400 Ω, LNA gain = 21.3 dB
200
Ω
RFB = ∞, LNA gain = 21.3 dB
15
kΩ
Input Capacitance (LI-x)
22
pF
−3 dB Bandwidth
LNA gain = 15.6 dB
100
MHz
LNA gain = 17.9 dB
80
MHz
LNA gain = 21.3 dB
50
MHz
Input Noise Voltage
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
1.60
nV/√Hz
LNA gain = 17.9 dB
1.42
nV/√Hz
LNA gain = 21.3 dB
1.27
nV/√Hz
Input Noise Current
RFB = ∞
1.5
pA/√Hz
Noise Figure
RS = 50 Ω
Active Termination Matched
LNA gain = 15.6 dB, RFB = 200 Ω
7.8
dB
LNA gain = 17.9 dB, RFB = 250 Ω
6.7
dB
LNA gain = 21.3 dB, RFB = 350 Ω
5.6
dB
Unterminated
LNA gain = 15.6 dB, RFB = ∞
6.1
dB
LNA gain = 17.9 dB, RFB = ∞
5.3
dB
LNA gain = 21.3 dB, RFB = ∞
4.7
dB
FULL-CHANNEL (TGC)
CHARACTERISTICS
AAF Low-Pass Cutoff
−3 dB, programmable
8
18
MHz
In Range AAF Bandwidth
Tolerance
±10
%
Group Delay Variation
f = 1 MHz to 18 MHz, GAIN+ = 0 V to 1.6 V
±0.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com