Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9278BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9278BBCZ
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9278BBCZ Datasheet HTML 10Page - Analog Devices AD9278BBCZ Datasheet HTML 11Page - Analog Devices AD9278BBCZ Datasheet HTML 12Page - Analog Devices AD9278BBCZ Datasheet HTML 13Page - Analog Devices AD9278BBCZ Datasheet HTML 14Page - Analog Devices AD9278BBCZ Datasheet HTML 15Page - Analog Devices AD9278BBCZ Datasheet HTML 16Page - Analog Devices AD9278BBCZ Datasheet HTML 17Page - Analog Devices AD9278BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Data Sheet
AD9278
Rev. A | Page 13 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
TGC MODE
fSAMPLE = 40 MSPS, fIN = 5 MHz, RS = 50 Ω, LNA gain = 21.3 dB, LNA bias = mid-high, PGA gain = 24 dB, GAIN− = 0.8 V, AAF LPF
cutoff = fSAMPLE/3.0, HPF cutoff = LPF cutoff/12.00 (default).
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
GAIN+ (V)
Figure 6. Gain Error vs. GAIN+
550
500
450
400
350
300
250
200
150
100
50
0
–8 –7 –6 –5 –4 –3 –2 –1
0
1
2
3
4
5
6
7
8
CODES
1,000,000 TOTAL HITS
Figure 7. Output-Referred Noise Histogram, GAIN+ = 0.0 V
220
240
200
180
160
140
120
100
80
60
40
20
0
–8 –7 –6 –5 –4 –3 –2 –1
0
1
2
3
4
5
6
7
8
CODES
1,000,000 TOTAL HITS
Figure 8. Output-Referred Noise Histogram, GAIN+ = 1.6 V
3.0
2.5
2.0
1.5
1.0
0.5
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (MHz)
Figure 9. Short-Circuit, Input-Referred Noise vs. Frequency,
LNA Gain = 21.3 dB, PGA Gain = 30 dB, GAIN+ = 1.6 V
–128
–130
–132
–134
–136
–138
–140
–142
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
GAIN+ (V)
LNA GAIN = 21.3dB
LNA GAIN = 17.9dB
LNA GAIN = 15.6dB
Figure 10. Short-Circuit, Output-Referred Noise vs. GAIN+
64
66
62
60
58
56
54
52
50
1.0
0.4
0.6
0.8
1.2
1.4
1.6
GAIN+ (V)
Figure 11. SNR vs. GAIN+, AOUT = −1.0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com