Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9278BBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9278BBCZ
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278BBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9278BBCZ Datasheet HTML 37Page - Analog Devices AD9278BBCZ Datasheet HTML 38Page - Analog Devices AD9278BBCZ Datasheet HTML 39Page - Analog Devices AD9278BBCZ Datasheet HTML 40Page - Analog Devices AD9278BBCZ Datasheet HTML 41Page - Analog Devices AD9278BBCZ Datasheet HTML 42Page - Analog Devices AD9278BBCZ Datasheet HTML 43Page - Analog Devices AD9278BBCZ Datasheet HTML 44Page - Analog Devices AD9278BBCZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Data Sheet
AD9278
Rev. A | Page 43 of 44
OUTLINE DIMENSIONS
*COMPLIANT WITH JEDEC STANDARDS MO-275-EEAB-1
WITH EXCEPTION TO PACKAGE HEIGHT.
0.80
0.60
REF
A
B
C
D
E
F
G
9
10
8
11
12
7
5
64
2
31
BOTTOM VIEW
8.80
BSC SQ
H
J
K
L
M
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.12
0.50
0.45
0.40
*1.40 MAX
BALL DIAMETER
SEATING
PLANE
10.10
10.00 SQ
9.90
A1 BALL
CORNER
A1 BALL
CORNER
0.25 MIN
0.65 MIN
Figure 67. 144-Ball Chip Scale Package, Ball Grid Array [CSP_BGA]
(BC-144-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
AD9278BBCZ
−40°C to +85°C
144-Ball Chip Scale Package, Ball Grid Array [CSP_BGA]
BC-144-1
AD9278-50EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com