Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9278BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9278BBCZ
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9278BBCZ Datasheet HTML 15Page - Analog Devices AD9278BBCZ Datasheet HTML 16Page - Analog Devices AD9278BBCZ Datasheet HTML 17Page - Analog Devices AD9278BBCZ Datasheet HTML 18Page - Analog Devices AD9278BBCZ Datasheet HTML 19Page - Analog Devices AD9278BBCZ Datasheet HTML 20Page - Analog Devices AD9278BBCZ Datasheet HTML 21Page - Analog Devices AD9278BBCZ Datasheet HTML 22Page - Analog Devices AD9278BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
AD9278
Data Sheet
Rev. A | Page 18 of 44
CSB
70kΩ
350Ω
AVDD1
AVDD1
Figure 30. Equivalent CSB Input Circuit
VREF
6k
Ω
AVDD2
Figure 31. Equivalent VREF Circuit
100Ω
AVDD2
RBIAS
Figure 32. Equivalent RBIAS Circuit
GAIN+
50Ω
AVDD2
Figure 33. Equivalent GAIN+ Input Circuit
GAIN–
50Ω
70kΩ
AVDD2
0.8V
Figure 34. Equivalent GAIN− Input Circuit
CWx+,
CWx–
AVDD2
Figure 35. Equivalent CWI±, CWQ± Output Circuit
GPOx
10Ω
AVDD2
Figure 36. Equivalent GPOx Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com