Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9671KBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 43Page - Analog Devices AD9671KBCZ Datasheet HTML 44Page - Analog Devices AD9671KBCZ Datasheet HTML 45Page - Analog Devices AD9671KBCZ Datasheet HTML 46Page - Analog Devices AD9671KBCZ Datasheet HTML 47Page - Analog Devices AD9671KBCZ Datasheet HTML 48Page - Analog Devices AD9671KBCZ Datasheet HTML 49Page - Analog Devices AD9671KBCZ Datasheet HTML 50Page - Analog Devices AD9671KBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 46 of 60
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into three sections: the chip
configuration register map (Address 0x000 to Address 0x19C), the
profile register map (Address 0xF00 to Address 0xFFF), and the
coefficient register map (Address 0x1000 to Address 0x1FFF).
Registers that are designated as local registers use the device
index in Address 0x004 and Address 0x005 to determine to
which channels of a device the command is applied. Registers
that are designated as chip registers use the chip address mode
in Address 0x115 to determine whether the device is to be
updated by writing to the chip register.
The first column of the memory map indicates the register address,
and the default value is shown in the second rightmost column.
The Bit 7 (MSB) column is the start of the default hexadecimal
value given. For example, Address 0x011, the LNA and VGA gain
adjustment register, has a default value of 0x06, meaning that
Bit 7 = 0, Bit 6 = 0, Bit 5 = 0, Bit 4 = 0, Bit 3 = 0, Bit 2 = 1, Bit 1 =
1, and Bit 0 = 0, or 0000 0110 in binary. This setting is the default
for GAIN± pins enabled, PGA gain = 24 dB and LNA gain =
21.6 dB.
For more information about the SPI memory map and other
functions, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
RESERVED LOCATIONS
Do not write to undefined memory locations except when
writing the default values suggested in this data sheet. Addresses
that have values marked as 0 must be considered reserved and
have a 0 written into their registers during power-up.
DEFAULT VALUES
After a reset, critical registers are automatically loaded with default
values. These values are indicated in Table 33, where an X refers
to an undefined feature (don’t care).
LOGIC LEVELS
An explanation of various registers follows: “bit is set” is
synonymous with “bit is set to Logic 1” or “writing Logic 1 for
the bit.” Similarly, “bit is cleared” is synonymous with “bit is set
to Logic 0” or “writing Logic 0 for the bit.”
RECOMMENDED START-UP SEQUENCE
To save system power during programming, the AD9671 powers
up in power-down mode. To start the device up and initialize
the data interface, the SPI commands listed in Table 32 are
recommended. At a minimum, write the profile memory for an
index of 0 (Address 0xF00 to Address 0xF07; see Table 27). If
additional profiles and coefficient memory are required, write these
after Profile File Memory 0.
Table 32. AD9671 SPI Write Start-Up Sequence Example
Address
Value
Description
0x000
0x3C
Initiate SPI reset
0x002
0x0X (default)
Set speed mode to 40 MSPS
0x0FF
0x01
Enable speed mode change
0x004
0x0F
Set local registers to all channels
0x005
0x3F
Set local registers to all channels
0x113
0x03
Bypass demodulator and decimator, bypass RF decimator, enable high pass filter
0x011
0x06 (default)
Set LNA gain= 21.6 dB, GAIN± pins enabled, and PGA gain = 24 dB
0xF00
0xFF
Continuous run mode enable; do not power down channels (POWER_STOP LSB)
0xF01
0x7F
Continuous run mode enable; do not power down channels (POWER_STOP MSB)
0xF02
0x00
Power up all channels 0 clock cycles after TX_TRIG± signal assertion (POWER_START LSB)
0xF03
0x80
Digital high-pass bypassed (POWER_START MSB)
0xF04
0x0C
Decimate by 2 (M = 00001); digital gain = 16 (g = 100)
0xF05
0x00
Point to Coefficient Block 00
0xF06
0x00
demodulation frequency = fSAMPLE/8
0xF07
0x20
demodulation frequency = fSAMPLE/8
0x10C1
0x00 (default)
Set index profile (required after profile memory writes)
0x014
0x00
Set output data format
0x008
0x00
Chip run (TGC mode)2
0x021
0x12
16-bit, four-lane mode
0x199
0x80
Enables automatic serializer/deserializer (SERDES) sample clock counter
0x142
0x04
ILAS enabled
0x188
0x01
Enable start code identifier
0x18B
0x27
Set START_CODE MSB
0x18C
0x72
Set START_CODE LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com