Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9671KBCZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 44Page - Analog Devices AD9671KBCZ Datasheet HTML 45Page - Analog Devices AD9671KBCZ Datasheet HTML 46Page - Analog Devices AD9671KBCZ Datasheet HTML 47Page - Analog Devices AD9671KBCZ Datasheet HTML 48Page - Analog Devices AD9671KBCZ Datasheet HTML 49Page - Analog Devices AD9671KBCZ Datasheet HTML 50Page - Analog Devices AD9671KBCZ Datasheet HTML 51Page - Analog Devices AD9671KBCZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 47 of 60
Address
Value
Description
0x150
0x03
JESD204B scrambler disabled and four-lane configuration (L = 4)
0x182
0x82
Autoconfigures PLL
0x181
0x02
PLL N divider = ÷20
0x186
0xAA
Disable continuous data resync (continuous data resync is not recommended during real-time
scanning; one-time data resync is sufficient)
0x10C3
0x20
Set SPI TX_TRIG± and index profile
0x00F
0x18
Set low-pass filter cutoff frequency, bandwidth mode
0x02B
0x40
Set analog LPF and HPF to defaults, tune filters4
1 Setting the profile index requires an additional SPI write in SPI MSB mode before the chip is run to complete the current profile buffer update.
2 Running the chip from full power-down mode requires 375 μs wake-up time as listed in Table 3.
3 The software TX_TRIG trigger switches the demodulator/decimator digital block to a running state. It may not be needed if hardware the TX_TRIX signal is used to run
the digital block.
4 Tuning the filters requires 512 ADC clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com