Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUCM310 Datasheet(PDF) 14 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 10Page - Analog Devices ADUCM310 Datasheet HTML 11Page - Analog Devices ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices ADUCM310 Datasheet HTML 17Page - Analog Devices ADUCM310 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 13 of 27
SDAx (I/O)
tBUF
MSB
LSB
ACK
MSB
1
9
8
2
TO 7
1
SCLx (I)
P
S
S(R)
REPEATED
START
START
CONDITION
STOP
CONDITION
tR
tF
tF
tR
tH
tVD;DAT
tL
tDSU
tDHD
tRSU
tDHD
tDSU
tSHD
tPSU
tVD;ACK
Figure 2. I2C Compatible Interface Timing
SPI Timing
Table 4. SPI Master Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLKx low pulse width
(SPIxDIV1 + 1) × tHCLK2/2
ns
tSH
SCLKx high pulse width
(SPIxDIV1 + 1) × tHCLK2/2
ns
tDAV
Data output valid after SCLKx edge
0
3
ns
tDSU
Data input setup time before SCLKx edge
½ SCLKx
ns
tDHD
Data input hold time after SCLKx edge
SCLKx
ns
tDF
Data output fall time
SCLKx
ns
tDR
Data output rise time
25
ns
tSR
SCLKx rise time
25
ns
tSF
SCLKx fall time
20
ns
1
For SPI0, x is 0, and for SPI1, x is 1.
2
tHCLK is the divided system clock, UCLK/CLKCON1[2:0].
SCLKx
(POLARITY = 0)
SCLKx
(POLARITY = 1)
MOSIx
MSB
BIT 6 TO BIT 1
LSB
MISOx
MSB IN
BIT 6 TO BIT 1
LSB IN
tSH
tSL
tSR
tSF
tDR
tDF
tDAV
tDSU
tDHD
Figure 3. SPI Master Mode Timing (Phase Mode = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com