Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUCM310 Datasheet(PDF) 16 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices ADUCM310 Datasheet HTML 17Page - Analog Devices ADUCM310 Datasheet HTML 18Page - Analog Devices ADUCM310 Datasheet HTML 19Page - Analog Devices ADUCM310 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 15 of 27
Table 6. SPI Slave Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
tCS0/tCS1
CS0/CS1 to SCLKx edge
10
ns
tCSM
CS0/CS1 high time between active periods
SCLKx
ns
tSL
SCLKx low pulse width
(SPIxDIV1 + 1) × tHCLK2
ns
tSH
SCLKx high pulse width
(SPIxDIV1 + 1) × tHCLK2
ns
tDAV
Data output valid after SCLKx edge
20
ns
tDSU
Data input setup time before SCLKx edge
10
ns
tDHD
Data input hold time after SCLKx edge
10
ns
tDF
Data output fall time
25
ns
tDR
Data output rise time
25
ns
tSR
SCLKx rise time
1
ns
tSF
SCLKx fall time
1
ns
tSFS
CS0/CS1 high after SCLKx edge
20
ns
1
For SPI0, x is 0, and for SPI1, x is 1.
2
tHCLK is the divided system clock, UCLK/CLKCON1[2:0].
SCLKx
(POLARITY = 0)
CS0/CS1
SCLKx
(POLARITY = 1)
tSH
tSL
tSR
tSF
tSFS
MISOx
MSB
BIT 6 TO BIT 1
LSB
MOSIx
MSB IN
BIT 6 TO BIT 1
LSB IN
tDHD
tDSU
tDAV
tDR
tDF
tCS0/tCS1
tCSM
Figure 5. SPI Slave Mode Timing (Phase Mode = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com