Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUCM310 Datasheet(PDF) 27 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices ADUCM310 Datasheet HTML 24Page - Analog Devices ADUCM310 Datasheet HTML 25Page - Analog Devices ADUCM310 Datasheet HTML 26Page - Analog Devices ADUCM310 Datasheet HTML 27Page - Analog Devices ADUCM310 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADuCM310
Data Sheet
Rev. B Page 26 of 27
RESET
RESET
GND
DGND
SWDIO
Tx
SWCLK
AVDD
3.16k
Ω
0.47µF
4.7µF
0.47µF
PGND
ADuCM310
PVDD_IDAC0
XTALI
RESET
DVDD
10K
Ω
PVDD
IOVDD
DVDD
DVDD
10K
Ω
10µF
10k
Ω
1.6
Ω
DGND
AVDD
AGND AGND
0.1µF
ADP7102ARDZ-3.3-R7
0.1µF
VIN
0.1µF
DVDD
DGND DGND1
10µF
NO CONNECT
DVDD
AGND
0.1µF
AGND1
0.1µF
0.1µF
0.47µF 0.47µF
0.1µF
0.1µF
DGND
+5V
0.1µF
AGND
VDACV
DD
AV
NEG
–5V
–0.1µF
AGND
0.1µF
0.1µF
PGND
XTALO
10nF
PVDD_IDAC1
PVDD_IDAC2
PVDD_IDAC2
PVDD_IDAC3
PVDD_IDAC3
PVDD_IDAC4
PVDD_IDAC5
CDAMP_IDAC0
CDAMP_IDAC1
CDAMP_IDAC2
CDAMP_IDAC3
CDAMP_IDAC4
CDAMP_IDAC5
SWDIO
P1.1/SOUT/PLACLK1/PLAI[5]
SWCLK
P1.0/SIN/ECLKIN/PLAI[4]
P2.3/BM
DGND
Rx
F9
D2
J2
K2
A3
A9
A5
A8
C1
C11
B8
B5
B2
B10
B3
B9
C2
C10
L5
H11
G11
D11
F10
G10
K5 G9
L6
J11
A7
B7
E10
E9
D5
C4
C3
K6
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100
nF
10nF
10nF
10nF
10nF
10nF
10µF
10µF
0.1µF
1.6
Ω
VIN VOUT
SENSE
PG
EN
GND
ADP1741ACPZ
30k
Ω
10µF
+2.5V
PVDD
PGND
PGND
PGND
10µF
10µF
10k
Ω
GND
VIN VOUT
SS
ADJ
EN
EP
0.1µF
0.1µF
AGND
VIN VOUT
CP+
CP–
SD
GND
V
SENSE
+5V
10µF
+
–
AGND
0.1µF
0.1µF
0.1µF
31.6kΩ
+
+
–
–
–5V
IOVDD1
E11
E1
K1
L2
D10
F11
F1
L1
K3
L3
ADP3605
J5
0.47µF
K10
L10
L11
IOVDD
Figure 24. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com