Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F22366 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 44Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 45Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Rev. 1.00
4� of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
SAR ADC
CI
sa�ple
RI
RS
VS
Figure 8. ADC Sampling Network Model
The worst case occurs when the extremities of the input range (0 V and VREF) are sampled
consecutively. In this situation a sampling error below 1/4 LSB is ensured by using the following
equation:
RS <
fADCCIln(2N+2)
3.5
– RI
Where fADC is the ADC clock frequency and N is the ADC resolution (N = 12 in this case). A safe
margin should be considered due to the pin/pad parasitic capacitances, which are not accounted for
in this simple model.
If, in a system where the A/D Converter is used, there are no rail-to-rail input voltage variations
between consecutive sampling phases, RS may be larger than the value indicated by the equation
above.
Comparator Characteristics
Table 20. Comparator Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
VDDA
Ope�ating voltage
Co�pa�ato� �ode
�.5
3.3
3.6
V
VI�
Input Co��on Mode
Voltage Range
CP o� C�
VSSA
—
VDDA
V
VIOS
Input offset voltage(1)
TA = �5 °C
-15
—
15
�V
Vhys
Input Hyste�esis
�o hyste�esis
(CMPnHM[1:0] = 00)
Low Speed
—
0
—
�V
High Speed
—
0
—
Low hyste�esis
(CMPnHM[1:0] = 01)
Low Speed
—
30
—
�V
High Speed
—
30
—
Middle hyste�esis
(CMPnHM[1:0] = 10)
Low Speed
—
50
—
�V
High Speed
—
�0
—
High hyste�esis
(CMPnHM[1:0] = 11)
Low Speed
—
�0
—
�V
High Speed
—
100
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com