Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F22366 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 2Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 3Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Rev. 1.00
6 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
1 General Description
These devices are high performance, low power consumption 32-bit microcontrollers based around
an Arm® Cortex®-M3 processor core. The Cortex®-M3 is a next-generation processor core which
is tightly coupled with Nested Vectored Interrupt Controller (NVIC), SysTick timer, and includes
advanced debug support.
The devices operate at a frequency of up to 96 MHz with a Flash accelerator to obtain maximum
efficiency. They provide up to 256 KB of embedded Flash memory for code/data storage and 128 KB
of embedded SRAM memory for system operation and application program usage. A variety of
peripherals, such as ADC, I2C, USART, UART, SPI, I2S, PDMA, GPTM, MCTM, SCI, EBI, CRC-
16/32, AES-128/256, USB2.0 FS, SDIO, CSIF and SWJ-DP (Serial Wire and JTAG Debug Port),
etc., are also implemented in the devices series. Several power saving modes provide the flexibility
for maximum optimization between wakeup latency and power consumption, an especially
important consideration in low power applications.
The above features ensure that the devices are suitable for use in a wide range of applications,
especially in areas such as white goods application control, power monitors, alarm systems,
consumer products, handheld equipment, data logging applications, motor control, fingerprint
recognition and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com